Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2069CDBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2069CDBVR
Description  Current-Limited, Power-Distribution Switches
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2069CDBVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS2069CDBVR Datasheet HTML 1Page - Texas Instruments TPS2069CDBVR Datasheet HTML 2Page - Texas Instruments TPS2069CDBVR Datasheet HTML 3Page - Texas Instruments TPS2069CDBVR Datasheet HTML 4Page - Texas Instruments TPS2069CDBVR Datasheet HTML 5Page - Texas Instruments TPS2069CDBVR Datasheet HTML 6Page - Texas Instruments TPS2069CDBVR Datasheet HTML 7Page - Texas Instruments TPS2069CDBVR Datasheet HTML 8Page - Texas Instruments TPS2069CDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
TPS20xxC, TPS20xxC-2
SLVSAU6G – JUNE 2011 – REVISED JULY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: TJ = TA = 25°C
(1) (continued)
Unless otherwise noted:, VIN = 5 V, VEN = VIN or VEN = GND, IOUT = 0 A. See the 'Device Information' table for the rated
current of each part number. Parametrics over a wider operational range are shown in the second 'Electrical Characteristics'
table.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
VOUT = 5 V, VIN = 0 V, measure IVOUT
0.1
1
IREV
Reverse leakage current
µA
–40°C
≤ (TJ , TA) ≤ 85°C, VOUT = 5 V, VIN = 0 V, measure
5
IVOUT
OUTPUT DISCHARGE
RPD
Output pull-down resistance(3)
VIN = VOUT = 5 V, disabled
TPS20xxC
400
470
600
(3)
These parameters are provided for reference only, and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
ELECTRICAL CHARACTERISTICS: –40°C
≤ T
J ≤ 125°C
Unless otherwise noted:4.5 V
≤ VIN ≤ 5.5 V, VEN = VIN or VEN = GND, IOUT = 0 A, typical values are at 5 V and 25°C. See the
DEVICE INFORMATION table for the rated current of each part number.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
0.5 A rated output
DBV
97
154
m
DBV
96
154
1 A rated output
m
DGN
86
140
RDS(ON)
Input – output resistance
DBV
76
121
m
1.5 A rated output
DGN
69
112
m
2 A rated output
DGN, DGK
72
112
m
ENABLE INPUT (EN or EN)
Threshold
Input rising
1
1.45
2
V
Hysteresis
0.07
0.13
0.20
V
Leakage current
(VEN or VEN) = 0 V or 5.5 V
–1
0
1
µA
VIN = 5 V, CL = 1 µF, RL = 100 Ω, EN ↑ or EN ↓.
See Figure 2, Figure 4, and Figure 5
tON
Turnon time
ms
0.5A / 1A Rated
1
1.4
1.8
1.5A / 2A Rated
1.2
1.7
2.2
VIN = 5 V, CL = 1 µF, RL = 100 Ω, EN ↓ or EN ↑.
See Figure 2, Figure 4, and Figure 5
tOFF
Turnoff time
ms
0.5A and 1A Rated
1.3
1.65
2
1.5A / 2A Rated
1.7
2.1
2.5
CL = 1 µF, RL = 100 Ω, VIN = 5 V. See Figure 3
tR
Rise time, output
0.5A / 1A Rated
0.4
0.55
0.7
ms
1.5A / 2A Rated
0.5
0.7
1.0
CL = 1 µF, RL = 100 Ω, VIN = 5 V. See Figure 3
tF
Fall time, output
0.5A / 1A Rated
0.25
0.35
0.45
ms
1.5A / 2A Rated
0.3
0.43
0.55
CURRENT LIMIT
0.5 A rated output
TPS20xxC
0.65
0.85
1.05
TPS20xxC
1.2
1.55
1.9
1 A rated output
TPS20xxC-2
1.1
1.53
1.96
Current-limit,
IOS
(2)
A
See Figure 10
TPS20xxC
1.6
2.15
2.7
1.5 A rated output
TPS20xxC-2
1.6
2.23
2.86
2 A rated output
TPS20xxC
2.3
2.9
3.6
(1)
Pulsed testing techniques maintain junction temperature approximately equal to ambient temperature
(2)
See CURRENT LIMIT section for explanation of this parameter.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated


Similar Part No. - TPS2069CDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2069CDBVR TI1-TPS2069CDBVR Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results

Similar Description - TPS2069CDBVR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com