Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370C042ANA Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS370C042ANA
Description  CMOS EEPROM/EPROM Technologies on a Single Device
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370C042ANA Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS370C042ANA Datasheet HTML 7Page - Texas Instruments TMS370C042ANA Datasheet HTML 8Page - Texas Instruments TMS370C042ANA Datasheet HTML 9Page - Texas Instruments TMS370C042ANA Datasheet HTML 10Page - Texas Instruments TMS370C042ANA Datasheet HTML 11Page - Texas Instruments TMS370C042ANA Datasheet HTML 12Page - Texas Instruments TMS370C042ANA Datasheet HTML 13Page - Texas Instruments TMS370C042ANA Datasheet HTML 14Page - Texas Instruments TMS370C042ANA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C -- NOVEMBER 1992 -- REVISED FEBRUARY 1997
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
program EPROM
The TMS370C742A device contains 8K bytes of EPROM mapped, beginning at location 6000h and continuing
through location 7FFFh. Memory addresses 7FE0h through 7FEBh are reserved for Texas Instruments (TI),
and memory addresses 7FECh through 7FFFh are reserved for interrupt and reset vectors. Trap vectors, used
with TRAP0 through TRAP15 instructions, are located between addresses 7FC0h and 7FDFh. Reading the
program EPROM modules is identical to reading other internal memory. During programming, the EPROM is
controlled by the EPROM control register (EPCTL). The program EPROM module features include:
D
Programming
--
In-circuit programming capability if VPP is applied to MC
--
Control register: EPROM programming is controlled by the EPROM control register (EPCTL) located in
the peripheral file (PF) frame at location P01C as shown in Table 5.
D
Write protection: writes to the program EPROM are disabled under the following conditions:
--
Reset: All programming to the EPROM module is halted.
--
Low-power modes
--
13 V not applied to MC
program ROM
The program ROM consists of 4K or 8K bytes of mask-programmable read-only memory. The program ROM
is used for permanent storage of data or instructions. Memory addresses 7FE0h through 7FEBh are reserved
for TI, and memory addresses 7FECh through 7FFFh are reserved for interrupt and reset vectors. Trap vectors,
used with TRAP0 through TRAP15 instructions, are located between addresses 7FC0h and 7FDFh.
Programming of the mask ROM is performed at the time of device fabrication.
system reset
The system-reset operation ensures an orderly start-up sequence for the TMS370Cx4x CPU-based device.
There are up to three different actions that can cause a system reset to the device. Two of these actions are
generated internally, while one (RESET pin) is controlled externally. These actions are as follows:
D
Watchdog (WD) timer. A watchdog-generated reset occurs if an improper value is written to the WD key
register, or if the re-initialization does not occur before the watchdog timer timeout . See the TMS370 Family
User’s Guide (literature number SPNU127) for more information.
D
Oscillator reset. Reset occurs when the oscillator operates outside of the recommended operating range.
See the TMS370 Family User’s Guide (literature number SPNU127) for more information.
D
External RESET pin. A low level signal can trigger an external reset. To ensure a reset, the external signal
should be held low for one SYSCLK cycle. Signals of less than one SYSCLK can generate a reset. See the
TMS370 Family User’s Guide (literature number SPNU127) for more information.
Once a reset source is activated, the external RESET pin is driven (active) low for a minimum of eight SYSCLK
cycles. This allows the ’x4x device to reset external system components. Additionally, if a cold start (VCC is off
for several hundred milliseconds) condition or oscillator failure occurs or the RESET pin is held low, then the
reset logic holds the device in a reset state for as long as these actions are active.
After a reset, the program can check the oscillator-fault flag (OSC FLT FLAG, SCCR0.4), the cold-start flag
(COLD START, SCCR0.7) and the watchdog reset (WD OVRFL INT FLAG, T1CTL2.5) to determine the source
of the reset. A reset does not clear these flags. Table 6 lists the reset sources.
TI is a trademark of Texas Instruments Incorporated.


Similar Part No. - TMS370C042ANA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C042ANA TI1-TMS370C042ANA Datasheet
899Kb / 69P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - TMS370C042ANA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C851 PHILIPS-80C851 Datasheet
182Kb / 22P
   CMOS single-chip 8-bit microcontroller with on-chip EEPROM
1998 Jul 03
logo
Toshiba Semiconductor
T4773 TOSHIBA-T4773 Datasheet
105Kb / 5P
   CMOS 256K-BIT EPROM
logo
Freescale Semiconductor...
DSP56374 FREESCALE-DSP56374 Datasheet
1Mb / 64P
   a high-density CMOS device
logo
Shenzhen Huazhimei Semi...
HM1138 HMSEMI-HM1138 Datasheet
1Mb / 10P
   voltage regulators manufactured by CMOS technologies
logo
List of Unclassifed Man...
H3104A ETC2-H3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
NEC
UPD28C04 NEC-UPD28C04 Datasheet
220Kb / 9P
   CMOS EEPROM
logo
List of Unclassifed Man...
HI3104A ETC2-HI3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
logo
Xilinx, Inc
DS670 XILINX-DS670 Datasheet
661Kb / 11P
   Low-power CMOS EPROM process
logo
Macronix International
MX27C512 MCNIX-MX27C512 Datasheet
759Kb / 15P
   512K-BIT [64Kx8] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com