Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370C042ANL Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS370C042ANL
Description  CMOS EEPROM/EPROM Technologies on a Single Device
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370C042ANL Datasheet(HTML) 1 Page - Texas Instruments

  TMS370C042ANL Datasheet HTML 1Page - Texas Instruments TMS370C042ANL Datasheet HTML 2Page - Texas Instruments TMS370C042ANL Datasheet HTML 3Page - Texas Instruments TMS370C042ANL Datasheet HTML 4Page - Texas Instruments TMS370C042ANL Datasheet HTML 5Page - Texas Instruments TMS370C042ANL Datasheet HTML 6Page - Texas Instruments TMS370C042ANL Datasheet HTML 7Page - Texas Instruments TMS370C042ANL Datasheet HTML 8Page - Texas Instruments TMS370C042ANL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C -- NOVEMBER 1992 -- REVISED FEBRUARY 1997
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
D
CMOS/EEPROM/EPROM Technologies on a
Single Device
-- Mask-ROM Devices for High Volume
Production
-- One-Time-Programmable (OTP) Devices
for Low-Volume Production
-- Reprogrammable EPROM Devices for
Prototyping Purposes
D
Flexible Operating Features
-- Low-Power Modes: STANDBY and HALT
-- Commercial, Industrial, and Automotive
Temperature Ranges
-- Clock Options:
-- Divide-by-1 (2 MHz--5 MHz SYSCLK)
Phase-Locked Loop (PLL)
-- Divide-by-4 (0.5 MHz--5 MHz SYSCLK)
-- Voltage (VCC)5V  10%
D
Internal System Memory Configurations
-- On-Chip Program Memory Versions
-- ROM: 4K Bytes or 8K Bytes
-- EPROM:8KBytes
-- Data EEPROM: 256 Bytes
-- Static RAM: 256 Bytes Usable as
Registers
D
Two 16-Bit General-Purpose Timers
-- Software Configurable as
Two 16-Bit Event Counters, or
Two 16-Bit Pulse Accumulators, or
Three 16-Bit Input Capture Functions, or
Four Compare Registers, or
Two Self-Contained
Pulse-Width-Modulation (PWM)
Functions
D
Serial Communications Interface 1 (SCI1)
-- Asynchronous and Isosynchronous
Modes
-- Full Duplex, Double Buffered RX and TX
-- Two Multiprocessor Communications
Formats
D
CMOS/Package/TTL Compatible I/O Pins
-- All Peripheral Function Pins Software
Configurable for Digital I/O
-- 40-Pin Plastic and Ceramic Dual-In-Line
Packages/27 Bidirectional, 5 Input Pins
-- 44-Pin Plastic and Ceramic Leaded Chip
Carrier Packages/27 Bidirectional, 9
Input Pins
D
On-Chip 24-Bit Watchdog Timer
D
Eight-Bit ADC1
-- Four Channels in 40-Pin Packages
-- Eight Channels in 44-Pin Packages
D
Flexible Interrupt Handling
D
TMS370 Series Compatibility
D
Workstation/PC-Based Development
System
-- C Compiler Support
-- Real-Time In-Circuit Emulation
-- C Source Debug
-- Extensive Breakpoint/Trace Capability
-- Software Performance Analysis
-- Multi-Window User Interface
-- EEPROM/EPROM Programming
JC, JD, N, AND NJ PACKAGES
(TOP VIEW)
FN AND FZ PACKAGES
(TOP VIEW)
B2
T2AEVT
T2AIC2/PWM
T2AIC1/CR
RESET
INT1
INT2
INT3
VCC
A7
A6
VSS
A5
A4
A3
A2
A1
A0
D7
D4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
B1
B0
SCITXD
SCIRXD
SCICLK
D5
MC
XTAL2/CLKIN
XTAL1
T1IC/CR
T1PWM
T1EVT
AN7
AN6
VCC3
VSS3
AN3
AN2
D6
D3
MC
XTAL2/CLKIN
XTAL1
T1IC/CR
T1PWM
T1EVT
AN7
AN6
AN5
AN4
VSS3
39
38
37
36
35
34
33
32
31
30
29
18 19
7
8
9
10
11
12
13
14
15
16
17
INT1
INT2
INT3
VCC
VCC3
A7
A6
VSS
A5
A4
A3
20 21 22 23
54 32 1
6
44
42 41 40
43
24 25 26 27 28
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright  1997, Texas Instruments Incorporated
Isosynchronous = Isochronous


Similar Part No. - TMS370C042ANL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C042ANL TI1-TMS370C042ANL Datasheet
899Kb / 69P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - TMS370C042ANL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C851 PHILIPS-80C851 Datasheet
182Kb / 22P
   CMOS single-chip 8-bit microcontroller with on-chip EEPROM
1998 Jul 03
logo
Toshiba Semiconductor
T4773 TOSHIBA-T4773 Datasheet
105Kb / 5P
   CMOS 256K-BIT EPROM
logo
Freescale Semiconductor...
DSP56374 FREESCALE-DSP56374 Datasheet
1Mb / 64P
   a high-density CMOS device
logo
Shenzhen Huazhimei Semi...
HM1138 HMSEMI-HM1138 Datasheet
1Mb / 10P
   voltage regulators manufactured by CMOS technologies
logo
List of Unclassifed Man...
H3104A ETC2-H3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
NEC
UPD28C04 NEC-UPD28C04 Datasheet
220Kb / 9P
   CMOS EEPROM
logo
List of Unclassifed Man...
HI3104A ETC2-HI3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
logo
Xilinx, Inc
DS670 XILINX-DS670 Datasheet
661Kb / 11P
   Low-power CMOS EPROM process
logo
Macronix International
MX27C512 MCNIX-MX27C512 Datasheet
759Kb / 15P
   512K-BIT [64Kx8] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com