Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC121S101CIMKX Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC121S101CIMKX
Description  12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC121S101CIMKX Datasheet(HTML) 3 Page - Texas Instruments

  DAC121S101CIMKX Datasheet HTML 1Page - Texas Instruments DAC121S101CIMKX Datasheet HTML 2Page - Texas Instruments DAC121S101CIMKX Datasheet HTML 3Page - Texas Instruments DAC121S101CIMKX Datasheet HTML 4Page - Texas Instruments DAC121S101CIMKX Datasheet HTML 5Page - Texas Instruments DAC121S101CIMKX Datasheet HTML 6Page - Texas Instruments DAC121S101CIMKX Datasheet HTML 7Page - Texas Instruments DAC121S101CIMKX Datasheet HTML 8Page - Texas Instruments DAC121S101CIMKX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings
(Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
A
6.5V
Voltage on any Input Pin
−0.3V to (V
A + 0.3V)
Input Current at Any Pin (Note 3)
10 mA
Package Input Current (Note 3)
20 mA
Power Consumption at T
A = 25˚C
See (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
Machine Model
2500V
250V
Soldering Temperature, Infrared,
10 Seconds (Note 6)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
−40˚C
≤ T
A
≤ +105˚C
Supply Voltage, V
A
+2.7V to 5.5V
Any Input Voltage (Note 7)
−0.1 V to (V
A + 0.1 V)
Output Load
0 to 1500 pF
SCLK Frequency
Up to 30 MHz
Package Thermal Resistances
Package
θ
JA
8-Lead MSOP
240˚C/W
6-Lead TSOT
250˚C/W
Electrical Characteristics
Values shown in this table are design targets and are subject to change before product release. The following specifica-
tions apply for V
A = +2.7V to +5.5V, RL =2k
Ω to GND, C
L = 200 pF to GND, fSCLK = 30 MHz, input code range 48 to 4047.
Boldface limits apply for T
MIN
≤ T
A
≤ T
MAX: all other limits TA = 25˚C, unless otherwise specified.
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
(Limits)
STATIC PERFORMANCE
Resolution
12
Bits (min)
Monotonicity
12
Bits (min)
INL
Integral Non-Linearity
Over Decimal codes 48 to 4047
±2.6
±8
LSB (max)
DNL
Differential Non-Linearity
V
A = 2.7V to 5.5V
+0.25
+1.0
LSB (max)
−0.15
−0.7
LSB (min)
V
A = 4.5V to 5.5V (Note 10)
±0.11
±0.5
LSB (max)
ZE
Zero Code Error
I
OUT =0
+4
+15
mV (max)
FSE
Full-Scale Error
I
OUT = 0
−0.06
−1.0
%FSR
(max)
GE
Gain Error
All ones Loaded to DAC register
−0.10
±1.0
%FSR
ZCED
Zero Code Error Drift
−20
µV/˚C
TC GE
Gain Error Tempco
V
A = 3V
−0.7
ppm/˚C
V
A = 5V
−1.0
ppm/˚C
OUTPUT CHARACTERISTICS
Output Voltage Range
(Note 10)
0
V
A
V (min)
V (max)
ZCO
Zero Code Output
V
A = 3V, IOUT = 10 µA
1.8
mV
V
A = 3V, IOUT = 100 µA
5.0
mV
V
A = 5V, IOUT = 10 µA
3.7
mV
V
A = 5V, IOUT = 100 µA
5.4
mV
FSO
Full Scale Output
V
A = 3V, IOUT = 10 µA
2.997
V
V
A = 3V, IOUT = 100 µA
2.990
V
V
A = 5V, IOUT = 10 µA
4.995
V
V
A = 5V, IOUT = 100 µA
4.992
V
Maximum Load Capacitance
R
L =
1500
pF
R
L =2k
1500
pF
DC Output Impedance
1.3
Ohm
www.national.com
3


Similar Part No. - DAC121S101CIMKX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101CIMKX NSC-DAC121S101CIMKX Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101CIMKX NSC-DAC121S101CIMKX Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101CIMKX TI1-DAC121S101CIMKX Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC121S101CIMKX/NOPB TI1-DAC121S101CIMKX/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
More results

Similar Description - DAC121S101CIMKX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com