Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370C042ANJL Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS370C042ANJL
Description  CMOS EEPROM/EPROM Technologies on a Single Device
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370C042ANJL Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS370C042ANJL Datasheet HTML 5Page - Texas Instruments TMS370C042ANJL Datasheet HTML 6Page - Texas Instruments TMS370C042ANJL Datasheet HTML 7Page - Texas Instruments TMS370C042ANJL Datasheet HTML 8Page - Texas Instruments TMS370C042ANJL Datasheet HTML 9Page - Texas Instruments TMS370C042ANJL Datasheet HTML 10Page - Texas Instruments TMS370C042ANJL Datasheet HTML 11Page - Texas Instruments TMS370C042ANJL Datasheet HTML 12Page - Texas Instruments TMS370C042ANJL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C -- NOVEMBER 1992 -- REVISED FEBRUARY 1997
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
memory map (continued)
256-Byte RAM (Register File/Stack)
Reserved
Peripheral File
Reserved
256-Byte Data EEPROM
Not Available
8K-Byte ROM or EPROM
(0000h--7FFFh)
7FC0h
Trap 15-0
7FE0h
Reserved
7FECh
Serial Comm I/F RX
7FEEh
Timer 1
7FF0h
Interrupt 3
7FF2h
Interrupt 2
7FF4h
Interrupt 1
7FF8h
Reset
1000h
Reserved
1010h
System Control
1020h
Digital Port Control
1030h
ADC1 Peripheral Control
1040h
Timer 1 Peripheral Control
Vectors
7FDFh
7FEBh
7FEDh
7FEFh
7FF1h
7FF3h
7FF5h
7FF9h
100Fh
101Fh
102Fh
103Fh
104Fh
--
--
--
--
--
--
--
--
--
--
--
--
--
4K-Byte ROM
(7000h--7FFFh)
Not Available
Reserved
SCI1 Peripheral Control
Timer 2A Peripheral Control
Reserved
A-D Converter 1
Timer 2A
Serial Comm I/F TX
7FFAh
7FFBh
--
--
7FFCh
7FFDh
--
7FFEh
7FFFh
--
--
1050h
1060h
1070h
105Fh
106Fh
107Fh
--
--
--
1080h
10FFh
--
0000h
0100h
00FFh
1000h
10FFh
1100h
1EFFh
1F00h
1FFFh
2000h
5FFFh
6000h
6FFFh
7000h
7FBFh
7FC0h
FFFFh
0FFFh
7FFFh
8000h
Interrupts and Reset
Vectors; Trap Vectors
Reserved
7FF6h
7FF7h
--
Figure 3. TMS370Cx4x Memory Map
RAM/register file (RF)
Locations within the RAM address space can serve as the RF, general-purpose read/write memory, program
memory, or the stack instructions. The TMS370Cx4x devices contain 256 bytes of internal RAM memory
mapped beginning at location 0000h (R0) and continuing through location 00FFh (R255).
The first two registers, R0 and R1, are also called register A and B, respectively. Some instructions implicitly
use register A or B; for example, the instruction LDSP (load SP) assumes that the value to be loaded into the
stack pointer is contained in register B. Registers A and B are the only registers cleared on reset.
peripheral file (PF)
The TMS370Cx4x control registers contain all the registers necessary to operate the system and peripheral
modules on the device. The instruction set includes some instructions that access the PF directly. These
instructions designate the register by the number of the PF relative to 1000h, preceded by P0 for a hexadecimal
designator or P for a decimal designator. For example, the system control register 0 (SCCR0) is located at
address 1010h; its peripheral file hexadecimal designator is P010, and its decimal designator is P16. Table 4
shows the TMS370Cx4x PF address map.


Similar Part No. - TMS370C042ANJL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C042ANJL TI1-TMS370C042ANJL Datasheet
899Kb / 69P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - TMS370C042ANJL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C851 PHILIPS-80C851 Datasheet
182Kb / 22P
   CMOS single-chip 8-bit microcontroller with on-chip EEPROM
1998 Jul 03
logo
Toshiba Semiconductor
T4773 TOSHIBA-T4773 Datasheet
105Kb / 5P
   CMOS 256K-BIT EPROM
logo
Freescale Semiconductor...
DSP56374 FREESCALE-DSP56374 Datasheet
1Mb / 64P
   a high-density CMOS device
logo
Shenzhen Huazhimei Semi...
HM1138 HMSEMI-HM1138 Datasheet
1Mb / 10P
   voltage regulators manufactured by CMOS technologies
logo
List of Unclassifed Man...
H3104A ETC2-H3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
NEC
UPD28C04 NEC-UPD28C04 Datasheet
220Kb / 9P
   CMOS EEPROM
logo
List of Unclassifed Man...
HI3104A ETC2-HI3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
logo
Xilinx, Inc
DS670 XILINX-DS670 Datasheet
661Kb / 11P
   Low-power CMOS EPROM process
logo
Macronix International
MX27C512 MCNIX-MX27C512 Datasheet
759Kb / 15P
   512K-BIT [64Kx8] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com