Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2664M6 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2664M6
Description  Switched Capacitor Voltage Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2664M6 Datasheet(HTML) 1 Page - Texas Instruments

  LM2664M6 Datasheet HTML 1Page - Texas Instruments LM2664M6 Datasheet HTML 2Page - Texas Instruments LM2664M6 Datasheet HTML 3Page - Texas Instruments LM2664M6 Datasheet HTML 4Page - Texas Instruments LM2664M6 Datasheet HTML 5Page - Texas Instruments LM2664M6 Datasheet HTML 6Page - Texas Instruments LM2664M6 Datasheet HTML 7Page - Texas Instruments LM2664M6 Datasheet HTML 8Page - Texas Instruments LM2664M6 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM2664
Switched Capacitor Voltage Converter
General Description
The LM2664 CMOS charge-pump voltage converter inverts
a positive voltage in the range of +1.8V to +5.5V to the
corresponding negative voltage of −1.8V to −5.5V. The
LM2664 uses two low cost capacitors to provide up to 40 mA
of output current.
The LM2664 operates at 160 kHz oscillator frequency to
reduce output resistance and voltage ripple. With an operat-
ing current of only 220 µA (operating efficiency greater than
91% with most loads) and 1 µA typical shutdown current, the
LM2664 provides ideal performance for battery powered
systems. The device is in SOT-23-6 package.
Features
n
Inverts Input Supply Voltage
n
SOT23-6 Package
n
12
Ω Typical Output Impedance
n
91% Typical Conversion Efficiency at 40 mA
n
1µA Typical Shutdown Current
Applications
n
Cellular Phones
n
Pagers
n
PDAs
n
Operational Amplifier Power Suppliers
n
Interface Power Suppliers
n
Handheld Instruments
Basic Application Circuits
Voltage Inverter
10003101
+5V to −10V Converter
10003125
September 2005
© 2005 National Semiconductor Corporation
DS100031
www.national.com


Similar Part No. - LM2664M6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2664M6 NSC-LM2664M6 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2664M6 TI-LM2664M6 Datasheet
976Kb / 20P
[Old version datasheet]   LM2664 Switched Capacitor Voltage Converter
LM2664M6/NOPB TI-LM2664M6/NOPB Datasheet
976Kb / 20P
[Old version datasheet]   LM2664 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2664M6X NSC-LM2664M6X Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2664M6X TI-LM2664M6X Datasheet
976Kb / 20P
[Old version datasheet]   LM2664 Switched Capacitor Voltage Converter
More results

Similar Description - LM2664M6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2665 TI1-LM2665_16 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com