Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75189DRE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN75189DRE4
Description  QUADRUPLE LINE RECEIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75189DRE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75189DRE4 Datasheet HTML 4Page - Texas Instruments SN75189DRE4 Datasheet HTML 5Page - Texas Instruments SN75189DRE4 Datasheet HTML 6Page - Texas Instruments SN75189DRE4 Datasheet HTML 7Page - Texas Instruments SN75189DRE4 Datasheet HTML 8Page - Texas Instruments SN75189DRE4 Datasheet HTML 9Page - Texas Instruments SN75189DRE4 Datasheet HTML 10Page - Texas Instruments SN75189DRE4 Datasheet HTML 11Page - Texas Instruments SN75189DRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MC1489, MC1489A, SN55189, SN55189A, SN75189, SN75189A
QUADRUPLE LINE RECEIVERS
SLLS095D – SEPTEMBER 1973 – REVISED OCTOBER 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 7
INPUT THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE
2.2
2
1.8
1.6
1.4
1.2
1
0.8
0.6
125
100
75
50
25
0
–25
–50
–75
0.4
150
2.4
TA – Free-Air Temperature – °C
– 100
’89 VIT+
’89A VIT–
’89 VIT–
’89A VIT+
Figure 8
INPUT THRESHOLD VOLTAGE
vs
SUPPLY VOLTAGE
’89A VIT–
’89 VIT+
’89 VIT–
’89A VIT+
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
9
8
7
6
5
4
3
0
10
2
VCC – Supply Voltage – V
2
Figure 9
SN75189
NOISE REJECTION
TA = 25°C
VCC = 5 V
4000
1000
400
100
40
5
4
3
2
1
0
10000
6
tw – Pulse Duration – ns
10
CC = 500 pF
CC = 10 pF
CC = 100 pF
CC = 300 pF
See Note A
NOTE A: Maximum amplitude of a positive-going pulse that,
starting from 0 V, will not cause a change in the
output level.
Figure 10
SN75189A
NOISE REJECTION
CC = 300 pF
10
tw – Pulse Duration – ns
6
10000
0
1
2
3
4
5
40
100
400
1000
4000
CC = 500 pF
CC = 12 pF
CC = 100 pF
VCC = 5 V
TA = 25°C
See Note A
NOTE A: Maximum amplitude of a positive-going pulse that,
starting from 0 V, will not cause a change in the
output level.
† Data for free-air temperatures below 0
°C and above 70°C are applicable to SN55189 and SN55189A circuits only.


Similar Part No. - SN75189DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75189DRE4 TI-SN75189DRE4 Datasheet
740Kb / 21P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
More results

Similar Description - SN75189DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC1489 TI-MC1489 Datasheet
149Kb / 10P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
logo
List of Unclassifed Man...
GD75189A ETC-GD75189A Datasheet
493Kb / 3P
   QUADRUPLE LINE RECEIVERS
logo
Texas Instruments
MC1489 TI-MC1489_08 Datasheet
740Kb / 21P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
MC1489 TI1-MC1489_18 Datasheet
1Mb / 26P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
NTE75189 TI1-NTE75189 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com