Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC081S051CIMF Datasheet(PDF) 15 Page - Texas Instruments

Part # ADC081S051CIMF
Description  ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC081S051CIMF Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADC081S051CIMF Datasheet HTML 11Page - Texas Instruments ADC081S051CIMF Datasheet HTML 12Page - Texas Instruments ADC081S051CIMF Datasheet HTML 13Page - Texas Instruments ADC081S051CIMF Datasheet HTML 14Page - Texas Instruments ADC081S051CIMF Datasheet HTML 15Page - Texas Instruments ADC081S051CIMF Datasheet HTML 16Page - Texas Instruments ADC081S051CIMF Datasheet HTML 17Page - Texas Instruments ADC081S051CIMF Datasheet HTML 18Page - Texas Instruments ADC081S051CIMF Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
MICROPROCESSOR
DSP
SCLK
CS
SDATA
GND
VA
ADC081S051
LP2950
5V
1 PF
0.1 PF
0.1 PF
1 PF
VIN
000...001
000...010
0V
011...111
111...000
000...000
111...111
111...110
ANALOG INPUT
1 LSB = VA/256
1 LSB
+VA-1 LSB
ADC081S051
www.ti.com
SNAS309E – APRIL 2005 – REVISED MARCH 2013
ADC081S051 TRANSFER FUNCTION
The output format of the ADC is straight binary. Code transitions occur midway between successive integer LSB
values. The LSB width for the ADC is VA/256. The ideal transfer characteristic is shown in Figure 20. The
transition from an output code of 0000 0000 to a code of 0000 0001 is at 1/2 LSB, or a voltage of VA/512. Other
code transitions occur at steps of one LSB.
Figure 20. Ideal Transfer Characteristic
TYPICAL APPLICATION CIRCUIT
A typical application of the ADC is shown in Figure 21. Power is provided in this example by the LP2950 low-
dropout voltage regulator, available in a variety of fixed and adjustable output voltages. The power supply pin is
bypassed with a capacitor network located close to the ADC. Because the reference for the ADC is the supply
voltage, any noise on the supply will degrade device noise performance. To keep noise off the supply, use a
dedicated linear regulator for this device, or provide sufficient decoupling from other circuitry to keep noise off the
ADC supply pin. Because of the ADC's low power requirements, it is also possible to use a precision reference
as a power supply to maximize performance. The three-wire interface is shown connected to a microprocessor or
DSP.
Figure 21. Typical Application Circuit
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: ADC081S051


Similar Part No. - ADC081S051CIMF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081S051CISD NSC-ADC081S051CISD Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
ADC081S051CISDX NSC-ADC081S051CISDX Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
More results

Similar Description - ADC081S051CIMF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com