Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1605IPAPT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1605IPAPT
Description  16-Bit, 5MSPS Analog-to-Digital Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1605IPAPT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1605IPAPT Datasheet HTML 4Page - Texas Instruments ADS1605IPAPT Datasheet HTML 5Page - Texas Instruments ADS1605IPAPT Datasheet HTML 6Page - Texas Instruments ADS1605IPAPT Datasheet HTML 7Page - Texas Instruments ADS1605IPAPT Datasheet HTML 8Page - Texas Instruments ADS1605IPAPT Datasheet HTML 9Page - Texas Instruments ADS1605IPAPT Datasheet HTML 10Page - Texas Instruments ADS1605IPAPT Datasheet HTML 11Page - Texas Instruments ADS1605IPAPT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
www.ti.com
8
PARAMETER MEASUREMENT INFORMATION
DRDY
CLK
DOUT[15:0]
Data N + 1
t
1
t
2
t
2
t
3
t
5
t
6
t
4
t
4
Data N
Data N + 2
NOTE: CS and RD tied low.
Figure 1. Data Retrieval Timing (ADS1605, ADS1606 with FIFO Disabled)
RD, CS
DOUT[15:0]
t
8
t
7
Figure 2. DOUT Inactive/Active Timing (ADS1605, ADS1606 with FIFO Disabled)
TIMING REQUIREMENTS FOR FIGURE 1 AND FIGURE 2
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
t1
CLK period (1/fCLK)
20
25
1000
ns
1/t1
fCLK
1
40
50
MHz
t2
CLK pulse width, high or low
10
ns
t3
Rising edge of CLK to DRDY low
10
ns
t4
DRDY pulse width high or low
4 t1
ns
t5
Falling edge of DRDY to data invalid
10
ns
t6
Falling edge of DRDY to data valid
15
ns
t7
Rising edge of RD and/or CS inactive (high) to DOUT high impedance
15
ns
t8
Falling edge of RD and/or CS active (low) to DOUT active.
15
ns
NOTE: DOUT[15:0] and DRDY load = 10pF.


Similar Part No. - ADS1605IPAPT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1605 BURR-BROWN-ADS1605 Datasheet
418Kb / 32P
   16 BIT 5MSPS ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS1605 TI-ADS1605 Datasheet
846Kb / 37P
[Old version datasheet]   18-Bit, 1.25MSPS Analog-to-Digital Converter
More results

Similar Description - ADS1605IPAPT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1605 BURR-BROWN-ADS1605 Datasheet
418Kb / 32P
   16 BIT 5MSPS ANALOG TO DIGITAL CONVERTER
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
   16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com