Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6122IRHBR Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS6122IRHBR
Description  12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6122IRHBR Datasheet(HTML) 1 Page - Texas Instruments

  ADS6122IRHBR Datasheet HTML 1Page - Texas Instruments ADS6122IRHBR Datasheet HTML 2Page - Texas Instruments ADS6122IRHBR Datasheet HTML 3Page - Texas Instruments ADS6122IRHBR Datasheet HTML 4Page - Texas Instruments ADS6122IRHBR Datasheet HTML 5Page - Texas Instruments ADS6122IRHBR Datasheet HTML 6Page - Texas Instruments ADS6122IRHBR Datasheet HTML 7Page - Texas Instruments ADS6122IRHBR Datasheet HTML 8Page - Texas Instruments ADS6122IRHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
ADS6125, ADS6124
ADS6123, ADS6122
SLAS560A – OCTOBER 2007 – REVISED MARCH 2008
www.ti.com
12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
• Maximum Sample Rate: 125 MSPS
• 12-Bit Resolution with No Missing Codes
ADS6125/ADS6124/ADS6123/ADS6122
(ADS612X)
is a family of 12-bit A/D converters with sampling
• 3.5 dB Coarse Gain and up to 6 dB
frequencies up to 125 MSPS. It combines high
Programmable Fine Gain for SNR/SFDR
performance and low power consumption in a
Trade-Off
compact 32 QFN package. Using an internal high
• Parallel CMOS and Double Data Rate (DDR)
bandwidth sample and hold and a low jitter clock
LVDS Output Options
buffer helps to achieve high SNR and high SFDR
even at high input frequencies.
• Supports Sine, LVCMOS, LVPECL, LVDS Clock
Inputs and Clock Amplitude Down to 400 mVPP
It features coarse and fine gain options that are used
to improve SFDR performance at lower full-scale
• Clock Duty Cycle Stabilizer
analog input ranges.
• Internal Reference with Support for External
Reference
The digital data outputs are either parallel CMOS or
DDR LVDS (Double Data Rate). Several features
• No External Decoupling Required for
exist to ease data capture such as — controls for
References
output clock position and output buffer drive strength,
• Programmable Output Clock Position and
and
LVDS
current
and
internal
termination
Drive Strength to Ease Data Capture
programmability.
• 3.3 V Analog and 1.8 V to 3.3 V Digital Supply
The output interface type, gain, and other functions
• 32-QFN Package (5 mm × 5 mm)
are programmed using a 3-wire serial interface.
Alternatively, some of these functions are configured
• Pin Compatible 12-Bit Family (ADS612X)
using dedicated parallel pins so that the device
comes up in the desired state after power-up.
• Wireless Communications Infrastructure
ADS612X
includes
internal
references,
while
eliminating
the
traditional
reference
pins
and
• Software Defined Radio
associated external decoupling. External reference
• Power Amplifier Linearization
mode is also supported.
• 802.16d/e
The
devices
are
specified
over
the
industrial
• Test and Measurement Instrumentation
temperature range (–40
°C to 85°C).
• High Definition Video
• Medical Imaging
• Radar Systems
ADS612X Performance Summary
ADS6125
ADS6124
ADS6123
ADS6122
Fin = 10 MHz (0 dB gain)
90
91
93
95
SFDR, dBc
Fin = 170 MHz (3.5 dB gain)
78
82
83
84
Fin = 10 MHz (0 dB gain)
71.1
71.3
71.5
71.6
SINAD, dBFS
Fin = 170 MHz (3.5 dB gain)
67.6
69.1
69.2
69.8
Power, mW
417
374
318
285
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS6122IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6122IRHBR TI-ADS6122IRHBR Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122IRHBR TI1-ADS6122IRHBR Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122IRHBRG4 TI-ADS6122IRHBRG4 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122IRHBRG4 TI1-ADS6122IRHBRG4 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS6122IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com