Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6124IRHBTG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS6124IRHBTG4
Description  12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6124IRHBTG4 Datasheet(HTML) 3 Page - Texas Instruments

  ADS6124IRHBTG4 Datasheet HTML 1Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 2Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 3Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 4Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 5Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 6Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 7Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 8Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ADS6125, ADS6124
ADS6123, ADS6122
SLAS560A – OCTOBER 2007 – REVISED MARCH 2008
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
PACKAGE
ORDERING
PRODUCT
TEMPERATURE
TRANSPORT MEDIA
LEAD
DESIGNATOR
MARKING
NUMBER
RANGE
ADS6125IRHBT
Tape and Reel, small
ADS6125
QFN-32(2)
RHB
–40
°C to 85°C
AZ6125
ADS6125IRHBR
Tape and Reel, large
ADS6124IRHBT
Tape and Reel, small
ADS6124
QFN-32(2)
RHB
–40
°C to 85°C
AZ6124
ADS6124IRHBR
Tape and Reel, large
ADS6123IRHBT
Tape and Reel, small
ADS6123
QFN-32(2)
RHB
–40
°C to 85°C
AZ6123
ADS6123IRHBR
Tape and Reel, large
ADS6122IRHBT
Tape and Reel, small
ADS6122
QFN-32(2)
RHB
–40
°C to 85°C
AZ6122
ADS6122IRHBR
Tape and Reel, large
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
For thermal pad size on the package, see the mechanical drawings at the end of this data sheet.
θ
JA = 34 °C/W (0 LFM air flow),
θ
JC = 30 °C/W when used with 2 oz. copper trace and pad soldered directly to a JEDEC standard four layer 3 in × 3 in (7.62 cm ×
7.62 cm) PCB.
VALUE
UNIT
Supply voltage range, AVDD
–0.3 to 3.9
V
VI
Supply voltage range, DRVDD
–0.3 to 3.9
V
Voltage between AGND and DRGND
–0.3 to 0.3
V
Voltage between AVDD to DRVDD
–0.3 to 3.3
V
Voltage applied to VCM pin (in external reference mode)
–0.3 to 2
V
Voltage applied to analog input pins, INP and INM
–0.3 to minimum ( 3.6, AVDD + 0.3)
V
Voltage applied to analog input pins, CLKP and CLKM
–0.3 to (AVDD + 0.3)
V
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
125
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS6125, ADS6124 ADS6123, ADS6122


Similar Part No. - ADS6124IRHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6124IRHBTG4 TI-ADS6124IRHBTG4 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHBTG4 TI1-ADS6124IRHBTG4 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS6124IRHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com