Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2204ASN Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2204ASN
Description  X4 SRAM Nonvolatile Controller Unit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2204ASN Datasheet(HTML) 4 Page - Texas Instruments

  BQ2204ASN Datasheet HTML 1Page - Texas Instruments BQ2204ASN Datasheet HTML 2Page - Texas Instruments BQ2204ASN Datasheet HTML 3Page - Texas Instruments BQ2204ASN Datasheet HTML 4Page - Texas Instruments BQ2204ASN Datasheet HTML 5Page - Texas Instruments BQ2204ASN Datasheet HTML 6Page - Texas Instruments BQ2204ASN Datasheet HTML 7Page - Texas Instruments BQ2204ASN Datasheet HTML 8Page - Texas Instruments BQ2204ASN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
bq2204A
Recommended DC Operating Conditions (TA =TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
VCC
Supply voltage
4.75
5.0
5.5
V
THS = VSS
4.50
5.0
5.5
V
THS = VCC
VSS
Supply voltage
0
0
0
V
VIL
Input low voltage
-0.3
-
0.8
V
VIH
Input high voltage
2.2
-
VCC + 0.3
V
VBC1,
VBC2
Backup cell voltage
2.0
-
4.0
V
VCC <VBC
THS
Threshold select
-0.3
-
VCC + 0.3
V
Note:
Typical values indicate operation at TA = 25°C, VCC =5VorVBC.
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
Conditions
VCC
DC voltage applied on VCC relative to VSS
-0.3 to +7.0
V
VT
DC voltage applied on any pin excluding VCC
relative to VSS
-0.3 to +7.0
V
VT ≤ VCC + 0.3
TOPR
Operating temperature
0 to 70
°C
Commercial
-40 to +85
°C
Industrial “N”
TSTG
Storage temperature
-55 to +125
°C
TBIAS
Temperature under bias
-40 to +85
°C
TSOLDER
Soldering temperature
260
°C
For 10 seconds
IOUT
VOUT current
200
mA
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation
should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Exposure to con-
ditions beyond the operational limits for extended periods of time may affect device reliability.
Dec. 1992 B


Similar Part No. - BQ2204ASN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2204ASN TI-BQ2204ASN Datasheet
77Kb / 12P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
BQ2204ASNN TI-BQ2204ASNN Datasheet
77Kb / 12P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
More results

Similar Description - BQ2204ASN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2204A TI-BQ2204A Datasheet
77Kb / 12P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
BQ2201 TI-BQ2201 Datasheet
107Kb / 12P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
BQ2201 TI1-BQ2201_08 Datasheet
303Kb / 15P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com