Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24751RHDR Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ24751RHDR
Description  Host-controlled Multi-chemistry Battery Charger
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24751RHDR Datasheet(HTML) 2 Page - Texas Instruments

  BQ24751RHDR Datasheet HTML 1Page - Texas Instruments BQ24751RHDR Datasheet HTML 2Page - Texas Instruments BQ24751RHDR Datasheet HTML 3Page - Texas Instruments BQ24751RHDR Datasheet HTML 4Page - Texas Instruments BQ24751RHDR Datasheet HTML 5Page - Texas Instruments BQ24751RHDR Datasheet HTML 6Page - Texas Instruments BQ24751RHDR Datasheet HTML 7Page - Texas Instruments BQ24751RHDR Datasheet HTML 8Page - Texas Instruments BQ24751RHDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
DESCRIPTION (CONTINUED)
VREF
RAC
0.010 Ω
RSR
0.010 Ω
Q2 (ACFET)
SI4435
Q3(BATFET)
SI4435
P
P
ACN
ACP
ACDRV
ACDET
/ACGOOD
SRSET
ACSET
VREF
CELLS
CHGEN
VDAC
VADJ
ADC
IADAPT
HOST
PVCC
BATDRV
HIDRV
PH
BTST
REGN
LODRV
PGND
SRP
SRN
P
PACK+
PACK-
SYSTEM
ADAPTER +
ADAPTER -
ACGOOD
AGND
bq24751
2.2 µF
C1
432 kΩ
1%
66.5 kΩ
1%
R1
R2
10 kΩ
R5
1 µF
C4
100 pF
C5
0.1 µF
C8
Q4
FDS6680A
Q5
FDS6680A
0.1 µF
C9
L1
8.2 µH
D1
BAT54
1 µF
C10
BAT
OVPSET
422 kΩ
1%
R3
71 kΩ
1%
R4
LEARN
ACOP
Q1 (ACFET)
SI4435
10 µF
C6
C15
0.1 µF
C16
0.47 µF
0.1 µF
C2
C3
2 Ω
R10
0.1 µF
PowerPad
10 µF
C7
10 µF
C12
C14
0.1 µF
C13
0.1 µF
C11
10 µF
GPIO
DAC
DAC
bq24751
SLUS734D – DECEMBER 2006 – REVISED MARCH 2009............................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The bq24751 controls external switches to prevent battery discharge back to the input, connect the adapter to
the system, and to connect the battery to the system using 6-V gate drives for better system efficiency. For
maximum system safety, inrush-power limiting provides instantaneous response to high input voltage multiplied
by current. This AC Over-Power protection (ACOP) feature limits the input-switch power to the programmed level
on the ACOP pin, and latches off if the high-power condition persists to prevent overheating.
The bq24751 features Dynamic Power Management (DPM) and input power limiting. These features reduce
battery charge current when the input power limit is reached to avoid overloading the AC adapter when supplying
the load and the battery charger simultaneously. A highly-accurate current-sense amplifier enables precise
measurement of input current from the AC adapter to monitor the overall system power.
VIN = 20 V, VBAT = 3-cell Li-Ion, Icharge = 3 A, Iadapter_limit = 4 A
Figure 1. Typical System Schematic, Voltage, and Current Programmed by DAC
2
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s) :bq24751


Similar Part No. - BQ24751RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24751RHDR TI-BQ24751RHDR Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
More results

Similar Description - BQ24751RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24705 TI-BQ24705 Datasheet
1Mb / 30P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24705 TI1-BQ24705_15 Datasheet
1Mb / 32P
[Old version datasheet]   Host-Controlled Multi-Cell Battery Charger
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com