Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24086DRCT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24086DRCT
Description  750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24086DRCT Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24086DRCT Datasheet HTML 2Page - Texas Instruments BQ24086DRCT Datasheet HTML 3Page - Texas Instruments BQ24086DRCT Datasheet HTML 4Page - Texas Instruments BQ24086DRCT Datasheet HTML 5Page - Texas Instruments BQ24086DRCT Datasheet HTML 6Page - Texas Instruments BQ24086DRCT Datasheet HTML 7Page - Texas Instruments BQ24086DRCT Datasheet HTML 8Page - Texas Instruments BQ24086DRCT Datasheet HTML 9Page - Texas Instruments BQ24086DRCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
DEVICE INFORMATION
PIN ASSIGNMENT
1
IN
TMR
STAT 1
VSS
STAT 2
2
3
4
5
6
7
8
9
10
PG
TS
BAT
OUT
IN
TMR
STAT 1
VSS
STAT 2
1
2
3
4
5
6
7
8
9
10
ISET
CE
TE
BAT
OUT
ISET
bq24086DRC
(TOP VIEW)
bq24088DRC
bq24087DRC
(TOP VIEW)
IN
TMR
STAT 1
VSS
STAT 2
1
2
3
4
5
6
7
8
9
10
ISET
PG
CE
BAT
OUT
bq24085DRC
(TOP VIEW)
bq24085, bq24086
bq24087, bq24088
SLUS784D – DECEMBER 2007 – REVISED AUGUST 2009............................................................................................................................................. www.ti.com
TERMINAL FUNCTIONS, REQUIRED COMPONENTS
TERMINAL NO.
I/O
DESCRIPTION AND REQUIRED COMPONENTS
NAME
bq24086/8
bq24085
bq24087
Charge Input Voltage and internal supply. Connect a 1-
µF (minimum)
IN
1
1
1
I
capacitor from IN to VSS. CIN ≥ COUT
Safety Timer Program Input, timer disabled if floating. Connect a resistor to
TMR
2
2
2
I
VSS pin to program safety timer timeout value
STAT1
3
3
3
O
Charge Status Output 1 (open-collector, seeTable 3)
STAT2
4
4
4
O
Charge Status Output 2 (open-collector, see Table 3)
VSS
5
5
5
I
Ground
Charge current set point, resistor connected from ISET to VSS sets charge
ISET
6
6
6
O
current value. Connect a 0.1-
µF capacitor from BAT to ISET for I
(OUT) < 200
mA.
PG
7
7
O
Power Good status output (open-collector), active low
CE
8
7
I
Charge enable Input. CE = LO enables charger. CE = HI disables charger.
Termination enable Input. TE = LO enables termination detection and battery
TE
8
I
absent detection. TE = HI disables termination detection and battery absent
detection.
Temperature Sense Input, connect to battery pack thermistor. Connect an
TS
8
I
external resistive divider to program temperature thresholds.
Battery Voltage Sense Input. Connect to the battery positive terminal.
BAT
9
9
9
I
Connect a 390-
Ω resistor from BAT to OUT for I(OUT) < 200 mA..
Charge current output. Connect to the battery positive terminal. Connect a 1-
OUT
10
10
10
O
µF (minimum) capacitor from OUT to VSS.
There is an internal electrical connection between the exposed thermal pad
Exposed
and Vss pin of the IC. The exposed thermal pad must be connected to the
Thermal
Pad
Pad
Pad
same potential as the VSS pin on the printed circuit board. Do not use the
Pad
thermal pad as the primary ground input for the IC. VSS pin must be
connected to ground at all times.
6
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): bq24085, bq24086 bq24087, bq24088


Similar Part No. - BQ24086DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24086DRCT TI1-BQ24086DRCT Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24086DRCT TI1-BQ24086DRCT Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
More results

Similar Description - BQ24086DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
logo
Lowpower Semiconductor ...
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
logo
Texas Instruments
BQ24081 TI-BQ24081 Datasheet
163Kb / 10P
[Old version datasheet]   bq24081EVM 1-A Single-Chip Li-Ion and Li-Pol Charge Management IC Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com