Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24086DRCT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24086DRCT
Description  750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24086DRCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24086DRCT Datasheet HTML 3Page - Texas Instruments BQ24086DRCT Datasheet HTML 4Page - Texas Instruments BQ24086DRCT Datasheet HTML 5Page - Texas Instruments BQ24086DRCT Datasheet HTML 6Page - Texas Instruments BQ24086DRCT Datasheet HTML 7Page - Texas Instruments BQ24086DRCT Datasheet HTML 8Page - Texas Instruments BQ24086DRCT Datasheet HTML 9Page - Texas Instruments BQ24086DRCT Datasheet HTML 10Page - Texas Instruments BQ24086DRCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
TYPICAL OPERATING CHARACTERISTICS
0
50
150
200
250
350
400
450
0
40
80
120
160
DieTemperature( C)
o
300
100
0
5
10
15
20
25
0
50 100 150 200 250 300 350 400 450
ActualChargeCurrent
duetothermalregulation-mA
t-Time-ms
PG
VIN
0
1
2
3
4
5
6
7
8
0
5
10
15
20 25
30 35
40 45 50
t-Time-mS
0
100
200
300
400
500
600
700
800
VIN
VPG
IBAT
395
396
397
398
399
400
401
402
403
404
405
3
3.20
3.40
3.60
3.80
4
BatteryVoltage-V
0°C
25°C
85°C
40
40.05
40.1
40.15
40.2
40.25
40.3
40.35
40.4
40.45
40.5
2
2.20
2.40
2.60
2.80
3
BatteryVoltage-V
25°C
85°C
0°C
bq24085, bq24086
bq24087, bq24088
www.ti.com............................................................................................................................................. SLUS784D – DECEMBER 2007 – REVISED AUGUST 2009
Measured using the typical application circuit shown previously.
THERMAL REGULATION
DTC OPERATION
Figure 1.
Figure 2.
INPUT OVP RECOVERY TRANSIENTS
PG DEGLITCH TIME
Figure 3.
Figure 4.
PRE-CHARGE CURRENT
FAST-CHARGE CURRENT
vs
vs
BATTERY VOLTAGE
BATTERY VOLTAGE
Figure 5.
Figure 6.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq24085, bq24086 bq24087, bq24088


Similar Part No. - BQ24086DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24086DRCT TI1-BQ24086DRCT Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24086DRCT TI1-BQ24086DRCT Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
More results

Similar Description - BQ24086DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
logo
Lowpower Semiconductor ...
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
logo
Texas Instruments
BQ24081 TI-BQ24081 Datasheet
163Kb / 10P
[Old version datasheet]   bq24081EVM 1-A Single-Chip Li-Ion and Li-Pol Charge Management IC Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com