Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24192IRGET Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24192IRGET
Description  I2C Controlled 4.5A Single Cell USB/Adapter Charger
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24192IRGET Datasheet(HTML) 1 Page - Texas Instruments

  BQ24192IRGET Datasheet HTML 1Page - Texas Instruments BQ24192IRGET Datasheet HTML 2Page - Texas Instruments BQ24192IRGET Datasheet HTML 3Page - Texas Instruments BQ24192IRGET Datasheet HTML 4Page - Texas Instruments BQ24192IRGET Datasheet HTML 5Page - Texas Instruments BQ24192IRGET Datasheet HTML 6Page - Texas Instruments BQ24192IRGET Datasheet HTML 7Page - Texas Instruments BQ24192IRGET Datasheet HTML 8Page - Texas Instruments BQ24192IRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
bq24190, bq24192
bq24192I, bq24193
www.ti.com
SLUSAW5A – JANUARY 2012 – REVISED OCTOBER 2012
I2C Controlled 4.5A Single Cell USB/Adapter Charger
With Narrow VDC Power Path Management and USB OTG
Check for Samples: bq24190, bq24192, bq24192I, bq24193
1
FEATURES
High Accuracy (0°C to 125°C)
±0.5% Charge Voltage Regulation
2
High Efficiency 4.5A Switch Mode Charger
±7% Charge Current Regulation
92% Charge Efficiency at 2A, 90% at 4A
±7.5% Input Current Regulation
Accelerate Charge Time by Battery Path
Impedance Compensatioin
±2% Output Regulation in Boost Mode
Highest Battery Discharge Efficiency with
High Integration
12m
Ω Battery Discharge MOSFET up to 9A
Power Path Management
Discharge Current
Synchronous Switching MOSFETs
Single Input USB-compliant/Adapter Charger
Integrated Current Sensing
USB Host or Charging Port D+/D- Detection
Bootstrap Diode
Compatible to USB Battery Charger Spec
Internal Loop Compensation
1.2
Safety
Input Voltage and Current Limit Supports
Battery Temperature Sensing and Charging
USB2.0 and USB 3.0
Safety Timer
Input Current Limit: 100mA, 150mA, 500mA,
JEITA Guideline Compliant (bq24193)
900mA, 1.2A, 1.5A, 2A and 3A
Thermal Regulation and Thermal Shutdown
3.9V–17V Input Operating Voltage Range
Input System Over-Voltage Protection
Support All Kinds of Adapter with Input
Voltage DPM Regulation
MOSFET Over-Current Protection
USB OTG 5V at 1.3A Synchronous Boost
Charge Status Outputs for LED or Host
Converter Operation
Processor
93% 5V Boost Efficiency at 1A
Low Battery Leakage Current and Support
Shipping Mode
Narrow VDC (NVDC) Power Path Management
4mm x 4mm QFN-24 Package
Instant-on Works with No Battery or Deeply
Discharged Battery
APPLICATIONS
Ideal Diode Operation in Battery
Supplement Mode
Tablet PC
1.5MHz Switching Frequency for Low Profile
Smart Phone
Inductor
Portable Audio Speaker
Autonomous Battery Charging with or without
Portable Media Players
Host Management
Internet Devices
Battery Charge Enable
Battery Charge Preconditioning
Charge Termination and Recharge
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24192IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192IRGET TI1-BQ24192IRGET Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results

Similar Description - BQ24192IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24195 TI-BQ24195 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A / 4.5A Single Cell USB/Adapter Charger With 5.1V at 1A / 5.1V at 2.1A Synchronous Boost Operation
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com