Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24193RGER Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24193RGER
Description  I2C Controlled 4.5A Single Cell USB/Adapter Charger
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24193RGER Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24193RGER Datasheet HTML 3Page - Texas Instruments BQ24193RGER Datasheet HTML 4Page - Texas Instruments BQ24193RGER Datasheet HTML 5Page - Texas Instruments BQ24193RGER Datasheet HTML 6Page - Texas Instruments BQ24193RGER Datasheet HTML 7Page - Texas Instruments BQ24193RGER Datasheet HTML 8Page - Texas Instruments BQ24193RGER Datasheet HTML 9Page - Texas Instruments BQ24193RGER Datasheet HTML 10Page - Texas Instruments BQ24193RGER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
STAT
SCL
SDA
PGND
PGND
SYS
SYS
4
5
6
7
8
9
15
16
17
18
22
23
24
1
2
3
BAT
BAT
13
14
19
20
21
10
11
12
VBUS
D+
D
bq24190
STAT
SCL
SDA
PGND
PGND
SYS
SYS
4
5
6
7
8
9
15
16
17
18
22
23
24
1
2
3
BAT
BAT
13
14
19
20
21
10
11
12
VBUS
PSEL
PG
bq24192
bq24192I
bq24193
bq24190, bq24192
bq24192I, bq24193
www.ti.com
SLUSAW5A – JANUARY 2012 – REVISED OCTOBER 2012
PINOUTS
PIN FUNCTIONS
PIN
TYPE
DESCRIPTION
NAME
NO.
VBUS
1,24
P
Charger Input Voltage. The internal n-channel reverse block MOSFET (RBFET) is connected between VBUS and PMID
with VBUS on source. Place a 1µF ceramic capacitor from VBUS to PGND and place it as close as possible to IC. (Refer
to Application Information Section for details)
D+
2
I
Positive line of the USB data line pair. D+/D– based USB host/charging port detection. The detection includes data
contact detection (DCD) and primary detection in bc1.2.
(bq24190)
Analog
PSEL
I
Power source selection input. High indicates a USB host source and Low indicates an adapter source.
(bq24192
Digital
bq24192I
bq24193)
D–
3
I
Negative line of the USB data line pair. D+/D– based USB host/charging port detection. The detection includes data
contact detection (DCD) and primary detection in bc1.2.
(bq24190)
Analog
PG
O
Open drain active low power good indicator. Connect to the pull up rail via 10kohm resistor. LOW indicates a good input
source if the input voltage is between UVLO and ACOV, above SLEEP mode threshold, and current limit is above 30mA.
(bq24192
Digital
bq24192I
bq24193)
STAT
4
O
Open drain charge status output to indicate various charger operation. Connect to the pull up rail via 10kohm. LOW
indicates charge in progress. HIGH indicates charge complete or charge disabled. When any fault condition occurs, STAT
Digital
pin in bq24190, bq24192, bq24193 blinks at 1Hz, and STAT pin in bq24192I has a 10k
Ω resistor to ground.
SCL
5
I
I2C Interface clock. Connect SCL to the logic rail through a 10k
Ω resistor.
Digital
SDA
6
I/O
I2C Interface data. Connect SDA to the logic rail through a 10k
Ω resistor.
Digital
INT
7
O
Open-drain Interrupt Output. Connect the INT to a logic rail via 10k
Ω resistor. The INT pin sends active low, 256us pulse
to host to report charger device status and fault.
Digital
OTG
8
I
USB current limit selection pin during buck mode, and active high enable pin during boost mode.
Digital
In buck mode with USB host (PSEL=High), when OTG = High, IIN limit = 500mA and when OTG = Low, IIN limit =
100mA.
The boost mode is activated when the REG01[5:4]=10 and OTG pin is High.
CE
9
I
Active low Charge Enable pin. Battery charging is enabled when REG01[5:4]=01 and CE pin = Low. CE pin must be
pulled high or low.
Digital
ILIM
10
I
ILIM pin sets the maximum input current limit by regulating the ILIM voltage at 1V. A resistor is connected from ILIM pin to
ground to set the maximum limit as IINMAX = (1V/RILIM) × 530. The actual input current limit is the lower one set by ILIM
Analog
and by I2C REG00[2:0]. The minimum input current programmed on ILIM pin is 500mA.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq24190 bq24192 bq24192I bq24193


Similar Part No. - BQ24193RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24193RGER TI1-BQ24193RGER Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results

Similar Description - BQ24193RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24195 TI-BQ24195 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A / 4.5A Single Cell USB/Adapter Charger With 5.1V at 1A / 5.1V at 2.1A Synchronous Boost Operation
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com