Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24087DRCR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24087DRCR
Description  750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24087DRCR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24087DRCR Datasheet HTML 4Page - Texas Instruments BQ24087DRCR Datasheet HTML 5Page - Texas Instruments BQ24087DRCR Datasheet HTML 6Page - Texas Instruments BQ24087DRCR Datasheet HTML 7Page - Texas Instruments BQ24087DRCR Datasheet HTML 8Page - Texas Instruments BQ24087DRCR Datasheet HTML 9Page - Texas Instruments BQ24087DRCR Datasheet HTML 10Page - Texas Instruments BQ24087DRCR Datasheet HTML 11Page - Texas Instruments BQ24087DRCR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
180
185
190
195
0
200
400
600
800
Fast-ChargeCurrent-mA
V
=4.1V
(BAT)
V
=3.5V
(BAT)
180
200
220
230
0
20
40
60
80
Pre-ChargeCurrent-mA
V
=2.5V
(BAT)
190
210
0
200
400
600
0
50
100
150
T -Temperature-°C
A
I
=750mA
O
bq24085, bq24086
bq24087, bq24088
SLUS784D – DECEMBER 2007 – REVISED AUGUST 2009............................................................................................................................................. www.ti.com
TYPICAL OPERATING CHARACTERISTICS (continued)
Measured using the typical application circuit shown previously.
KSET LINEARITY
KSET LINEARITY
vs
vs
FAST-CHARGE CURRENT
PRE-CHARGE CURRENT
Figure 7.
Figure 8.
DROPOUT VOLTAGE
vs
TEMPERATURE
Figure 9.
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): bq24085, bq24086 bq24087, bq24088


Similar Part No. - BQ24087DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24087DRCR TI1-BQ24087DRCR Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24087DRCR TI1-BQ24087DRCR Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
More results

Similar Description - BQ24087DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
logo
Lowpower Semiconductor ...
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
logo
Texas Instruments
BQ24081 TI-BQ24081 Datasheet
163Kb / 10P
[Old version datasheet]   bq24081EVM 1-A Single-Chip Li-Ion and Li-Pol Charge Management IC Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com