Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24087DRCT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24087DRCT
Description  750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24087DRCT Datasheet(HTML) 4 Page - Texas Instruments

  BQ24087DRCT Datasheet HTML 1Page - Texas Instruments BQ24087DRCT Datasheet HTML 2Page - Texas Instruments BQ24087DRCT Datasheet HTML 3Page - Texas Instruments BQ24087DRCT Datasheet HTML 4Page - Texas Instruments BQ24087DRCT Datasheet HTML 5Page - Texas Instruments BQ24087DRCT Datasheet HTML 6Page - Texas Instruments BQ24087DRCT Datasheet HTML 7Page - Texas Instruments BQ24087DRCT Datasheet HTML 8Page - Texas Instruments BQ24087DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
mA
kW
Volts
bq24085, bq24086
bq24087, bq24088
SLUS784D – DECEMBER 2007 – REVISED AUGUST 2009............................................................................................................................................. www.ti.com
over recommended operating, TJ = 0°C–125°C range, See the Application Circuits section, typical values at TJ = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE REGULATION, V(IN) ≥ VO(REG) + V(DO-MAX), I(TERM) < I(OUT) < IO(OUT), CHARGER ENABLED, NO FAULT CONDITIONS
DETECTED
VO(REG)
Output voltage
4.20
V
TA = 25°C
–0.5%
0.5%
VO(TOL)
Voltage regulation accuracy
–1%
1%
V(DO)
Dropout voltage, V(IN) – V(OUT)
I(OUT) = 750 mA
600
mV
CURRENT REGULATION , V(IN) > V(OUT) > V(DO-MAX), CHARGER ENABLED, NO FAULT CONDITIONS DETECTED
V(BAT) > V(LOWV), IO(OUT) = I(OUT) = K(SET) ×
IO(OUT)
Output current range
50
750
mA
V(SET)/R(SET)
V(SET)
Output current set voltage
V(ISET) = V(SET), V(LOWV) < V(BAT) ≤ VO(REG)
2.45
2.5
2.55
V
100 mA
≤ IO(OUT) ≤ 750 mA
175
182
190
K(SET)
Output current set factor
10 mA
≤ IO(OUT) < 100 mA
180
215
250
RISET
External resistor range
Resistor connected to ISET pin
0.6
10
k
VOLTAGE AND CURRENT REGULATION TIMING, V(IN) > V(OUT) + V(DO-MAX), CHARGER ENABLED, NO FAULT CONDITIONS
DETECTED, RTMR = 50K or V(TMR) = OPEN; Thermal regulation loop not active
Input power detection to full
Measured from PG:HI
→ LO to I(OUT) > 100 mA,
tPWRUP(CHG)
25
ms
charge current time delay
CE = LO, IO(OUT) = 750 mA, V(BAT) = 3.5 V
Measured from CE:HI
→ LO to I(OUT) >100 mA,
Charge enable to full charge
tPWRUP(EN)
IO(OUT) = 750 mA, V(BAT)= 3.5 V, V(IN) = 4.5 V, Input
25
ms
current delay
power detected
Measured from PG:HI
→ LO to V(OUT) > 90% of
Input power detection to voltage
charge voltage regulation;
tPWRUP(LDO)
regulation delay, LDO mode set,
25
ms
V(TMR) = OPEN, LDO mode set, no battery and no
no battery or load connected
load at OUT pin, CE = LO
PRECHARGE AND OUTPUT SHORT-CIRCUIT CURRENT REGULATION, V(IN)–V(OUT) > V(DO-MAX) , V(IN)
≥ 4.5V, CHARGER
ENABLED, NO FAULT CONDITIONS DETECTED, RTMR = 50K or V(TMR)=OPEN; Thermal regulation loop not active
Precharge to fast-charge
V(LOWV)
V(BAT) increasing
2.8
2.95
3.15
V
transition threshold
Precharge to short-circuit
V(SC)
V(BAT) decreasing
1
transition threshold
V
V(SCIND)
Short-circuit indication
V(BAT) decreasing
1.6
1.8
2
V(SC) < VI(BAT) < V(LOWV), t < t(PRECHG)
IO(PRECHG)
Precharge current range
5
75
mA
IO(PRECHG) = K(SET) × V(PRECHG)/R(ISET)
V(ISET) = V(PRECHG), V(SC) < VI(BAT) < V(LOWV),
V(PRECHG)
Precharge set voltage
225
250
280
mV
t < t(PRECHG)
VSS ≤ V(BAT) ≤ V(SCI),
VPOR < VIN < 6.0 V
7
15
24
IO(SHORT) = I(OUT), V(BAT)=
IO(SHORT)
Output shorted regulation current
mA
VSS, Internal pullup resistor,
6.0 V < VIN < VOVP
15
TJ = 25°C
TEMPERATURE REGULATION (Thermal regulation™), CHARGER ENABLED, NO FAULT CONDITIONS DETECTED
V(IN) = 5.5 V, V(BAT) = 3.2 V, Fast charge current
TJ(REG)
Temperature regulation limit
101
112
125
°C
set to 1A
V(LOWV) < V(BAT) < VO(REG),
Minimum current in thermal
I(MIN_TJ(REG))
105
125
mA
regulation
0.7k
Ω < R(ISET) < 1.18kΩ
4
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): bq24085, bq24086 bq24087, bq24088


Similar Part No. - BQ24087DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24087DRCT TI1-BQ24087DRCT Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24087DRCT TI1-BQ24087DRCT Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
More results

Similar Description - BQ24087DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
logo
Lowpower Semiconductor ...
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
logo
Texas Instruments
BQ24081 TI-BQ24081 Datasheet
163Kb / 10P
[Old version datasheet]   bq24081EVM 1-A Single-Chip Li-Ion and Li-Pol Charge Management IC Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com