Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76925PWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76925PWR
Description  Host Controlled Analog Front End for 3-Series to 6-Series Cell Li-Ion/Li-Polymer Battery
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ76925PWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ76925PWR Datasheet HTML 4Page - Texas Instruments BQ76925PWR Datasheet HTML 5Page - Texas Instruments BQ76925PWR Datasheet HTML 6Page - Texas Instruments BQ76925PWR Datasheet HTML 7Page - Texas Instruments BQ76925PWR Datasheet HTML 8Page - Texas Instruments BQ76925PWR Datasheet HTML 9Page - Texas Instruments BQ76925PWR Datasheet HTML 10Page - Texas Instruments BQ76925PWR Datasheet HTML 11Page - Texas Instruments BQ76925PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
bq76925
SLUSAM9B
– JULY 2011 – REVISED DECEMBER 2011
www.ti.com
Current Sense Amplifier
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
I_GAIN = 0
4
Measured from SENSEN,
GVIOUT
Current sense amplifier gain
SENSEP to VIOUT
I_GAIN = 1
8
Measured from SENSEN,
VIIN
Current sense amp input range
–125
375
mV
SENSEP to VSS
REF_SEL = 0
0.25
1.25
V
Current sense amp output range
Measured at VIOUT
REF_SEL = 1
0.5
2.5
V
VIOUT
REF_SEL = 0
1.0
V
Measured at VIOUT
Zero current output
SENSEP = SENSEN
REF_SEL = 1
2.0
V
∆VIOUT
Current amplifier accuracy
–1%
1%
IVIOUT
VIOUT output current (1)
10
µA
(1)
Max DC load for specified accuracy
Over Current Comparator
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VBAT_COMP
Minimum VBAT for comparator operation(1)
5
V
Measured from SENSEP to comparator
GVCOMP
Comparator amplifier gain
1
input
VITRIP
Current comparator trip threshold(2)
25
400
mV
VITRIP = 25 mV
–6
6
mV
∆VITRIP
Current comparator accuracy
VITRIP > 25 mV
–10%
10%
V
VOL_ALERT
ALERT Output Low Logic
IALERT = 1 mA
0.4
V
VOH_ALERT
ALERT Output High Logic (3)
NA
NA
NA
IALERT
ALERT Pulldown current
ALERT = 0.4 V, Output driving low
1
mA
IALERT_LKG
ALERT Leakage current
ALERT = 5.0 V, Output high-Z
< 1
μA
tOC
Comparator response time
100
µs
(1)
The Over Current Comparator is not guaranteed to work when VBAT is below this voltage.
(2)
Trip threshold selectable from 25, 50, 75, 100, 125, 150, 175, 200, 225, 250, 275, 300, 325, 350, 375 or 400 mV
(3)
This parameter NA because output is open drain.
Internal Temperature Measurement
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VTEMP_INT
Internal temperature voltage
Measured at VCOUT, TINT = 25°C
1.15
1.2
1.25
V
∆VTEMP_INT
Internal temperature voltage sensitivity
–4.4
mV /
ºC
Cell Balancing and Open Cell Detection
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
RDS,ON for VC1 internal FET switch,
1
3
5
VCn = 3.6 V
RBAL
Cell balancing internal resistance(1)
RDS,ON for internal VC2 to VC6 FET switch,
3
5.5
8
VCn = 3.6 V
(1)
Balancing current is not internally limited. The cell balancing operation is completely controlled by the Host processor, no automatic
function or time-out is included in the part. Care must be used to ensure that balancing current through the part is below the maximum
power dissipation limit. The Host algorithm is responsible for limiting thermal dissipation to package ratings.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): bq76925


Similar Part No. - BQ76925PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76925PWR TI1-BQ76925PWR Datasheet
5Mb / 43P
[Old version datasheet]   Host-Controlled Analog Front
More results

Similar Description - BQ76925PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76925 TI1-BQ76925 Datasheet
743Kb / 29P
[Old version datasheet]   Host Controlled Analog Front End for 3 to 6 Series Cell Lithium-Ion/ Polymer Battery
logo
Intersil Corporation
ISL94208 INTERSIL-ISL94208_14 Datasheet
916Kb / 36P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
June 21, 2013
logo
Renesas Technology Corp
ISL94208 RENESAS-ISL94208 Datasheet
1Mb / 36P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
logo
Intersil Corporation
ISL94208 INTERSIL-ISL94208 Datasheet
955Kb / 37P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
logo
Renesas Technology Corp
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Intersil Corporation
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Renesas Technology Corp
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
logo
Intersil Corporation
ISL94200 INTERSIL-ISL94200 Datasheet
422Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
ISL9208 INTERSIL-ISL9208 Datasheet
502Kb / 29P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
ISL9208_0711 INTERSIL-ISL9208_0711 Datasheet
503Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com