Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9858501QFA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9858501QFA
Description  DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9858501QFA Datasheet(HTML) 3 Page - Texas Instruments

  5962-9858501QFA Datasheet HTML 1Page - Texas Instruments 5962-9858501QFA Datasheet HTML 2Page - Texas Instruments 5962-9858501QFA Datasheet HTML 3Page - Texas Instruments 5962-9858501QFA Datasheet HTML 4Page - Texas Instruments 5962-9858501QFA Datasheet HTML 5Page - Texas Instruments 5962-9858501QFA Datasheet HTML 6Page - Texas Instruments 5962-9858501QFA Datasheet HTML 7Page - Texas Instruments 5962-9858501QFA Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS26LV32AQML
www.ti.com
SNOSAS7A – MARCH 2006 – REVISED APRIL 2013
DS26LV32AQML Electrical Characteristics DC Parameters
Sub-
Parameter
Test Conditions
Notes
Min
Max
Units
groups
VTh
Minimum Differential Input
VCC = 3.0/3.6V,
Voltage
VO = VOH or VOL,
-200
+200
mV
1, 2, 3
-0.5V < VCM < +5.5V
RI
Input Resistance
VCC = 3.6V,
-0.5V < VCM < +5.5V,
5.0
K
1, 2, 3
One input AC Gnd
II
Input Current
VCC = 3.6V, VI = +5.5V
0.0
+1.8
mA
1, 2, 3
Other Input = Gnd
VCC = 3.6V, VI = -0.5V
0.0
-1.8
mA
1, 2, 3
Other Input = Gnd
VCC = 0V, VI = +5.5V
0.0
+1.8
mA
1, 2, 3
Other Input = Gnd
VCC = 0V, VI = -0.5V
0.0
-1.8
mA
1, 2, 3
Other Input = Gnd
VOH
Logical "1" Output Voltage
VCC = 3.0V, VDiff = +1V,
2.4
V
1, 2, 3
IO = -6.0mA
VOL
Logical "0" Output Voltage
VCC = 3.0V, VDiff = -1V,
0.5
V
1, 2, 3
IO = 6.0mA
VIH
Minimum Enable High Level
(1)
2.0
V
1, 2, 3
Voltage
VIL
Maximum Enable Low Level
(1)
0.8
V
1, 2, 3
Voltage
IOZ
Maximum TRI-STATE Output
VCC = 3.6V, VO = VCC or Gnd
±50
µA
1, 2, 3
Leakage Current
Enable = VIL, Enable = VIH
IEn
Maximum Enable Input Current
VCC = 3.6V, VI = VCC or Gnd
±1.0
µA
1, 2, 3
ICC
Quiescent Power Supply Current
VCC = 3.6V, No Load, En,
En = VCC or Gnd,
20
mA
1, 2, 3
-0.5V<VCM<+5.5V
IOS
Output Short Circuit Current
VCC = 3.0V/3.6V, VO = 0V,
(2)
-10
-70
mA
1, 2, 3
VDiff = +1V
(1)
Parameter tested Go-No-Go only.
(2)
Short one output at a time to Gnd.
DS26LV32AQML Electrical Characteristics AC Parameters
The following conditions apply, unless otherwise specified.
AC:
VCC = 3.0/3.6V, CL = 50pF
Sub-
Parameter
Test Conditions
Notes
Min
Max
Units
groups
tPLH
Input to Output Propagation Delay VCM = 1.5V
(1)
6.0
45
nS
9, 10, 11
tPHL
Input to Output Propagation Delay VCM = 1.5V
(1)
6.0
45
nS
9, 10, 11
tSK1
Skew tpHLD-tpLHD (same
6.0
nS
9, 10, 11
channel)
tSK2
Pin to Pin Skew (Same device)
6.0
nS
9, 10, 11
tPLZ
Output Disable Time
2K
Ω to VCC
(2)
50
nS
9, 10, 11
tPZL
Output Enable Time
2K
Ω to VCC
(2)
50
nS
9, 10, 11
tPHZ
Output Disable Time
2K
Ω to Gnd
(2)
50
nS
9, 10, 11
tPZH
Output Enable Time
2K
Ω to Gnd
(2)
50
nS
9, 10, 11
(1)
Generator waveform is specified as follows: ƒ = 1MHz, Duty Cycle = 50%, ZO = 50Ω, tR = tF ≤ 6nS. Receiver inputs = 1V to 2V with
measure points equal to 1.5V on the inputs to 1/2 VCC on the outputs.
(2)
Generator waveform is specified as follows: ƒ = 1MHz, Duty Cycle = 50%, ZO = 50Ω, tR = tF ≤ 6nS. En/En inputs = 0V to 3V with
measure points equal to 1.5V on the inputs, to 1/2 VCC on the outputs for ZL and ZH, and (VOL + 0.3V) for LZ, and (VOH.- 0.3V) for HZ.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS26LV32AQML


Similar Part No. - 5962-9858501QFA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5962-9858401QFA NSC-5962-9858401QFA Datasheet
457Kb / 5P
   3V Enhanced CMOS Quad Differential Line Driver
logo
Texas Instruments
5962-9858802QPA TI1-5962-9858802QPA Datasheet
2Mb / 74P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
5962-9858802QPA TI1-5962-9858802QPA Datasheet
2Mb / 73P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
More results

Similar Description - 5962-9858501QFA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS26LV32AQML TI1-DS26LV32AQML Datasheet
493Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
logo
National Semiconductor ...
DS34LV86T NSC-DS34LV86T Datasheet
192Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT NSC-DS26LV32AT Datasheet
167Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
logo
Texas Instruments
DS34LV86T TI1-DS34LV86T_14 Datasheet
912Kb / 15P
[Old version datasheet]   DS34LV86T 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATMX TI1-DS26LV32ATMX Datasheet
912Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATM TI-DS26LV32ATM Datasheet
893Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT TI1-DS26LV32AT_15 Datasheet
913Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
logo
National Semiconductor ...
DS26LV31T NSC-DS26LV31T Datasheet
121Kb / 8P
   3V Enhanced CMOS Quad Differential Line Driver
DS26LV31QML NSC-DS26LV31QML Datasheet
457Kb / 5P
   3V Enhanced CMOS Quad Differential Line Driver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com