Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT2543ATSOCTE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74FCT2543ATSOCTE4
Description  8-BIT LATCHED TRANSCEIVER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT2543ATSOCTE4 Datasheet(HTML) 4 Page - Texas Instruments

  74FCT2543ATSOCTE4 Datasheet HTML 1Page - Texas Instruments 74FCT2543ATSOCTE4 Datasheet HTML 2Page - Texas Instruments 74FCT2543ATSOCTE4 Datasheet HTML 3Page - Texas Instruments 74FCT2543ATSOCTE4 Datasheet HTML 4Page - Texas Instruments 74FCT2543ATSOCTE4 Datasheet HTML 5Page - Texas Instruments 74FCT2543ATSOCTE4 Datasheet HTML 6Page - Texas Instruments 74FCT2543ATSOCTE4 Datasheet HTML 7Page - Texas Instruments 74FCT2543ATSOCTE4 Datasheet HTML 8Page - Texas Instruments 74FCT2543ATSOCTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CY74FCT2543T
8-BIT LATCHED TRANSCEIVER
WITH 3-STATE OUTPUTS
SCCS042C – SEPTEMBER 1994 – REVISED NOVEMBER 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
IIN = –18 mA
–0.7
–1.2
V
VOH
VCC = 4.75 V,
IOH = –15 mA
2.4
3.3
V
VOL
VCC = 4.75 V,
IOL = 12 mA
0.3
0.55
V
Rout
VCC = 4.75 V,
IOL = 12 mA
20
25
40
W
Vhys
All inputs
0.2
V
IIH
VCC 525 V
VIN = VCC
5
µA
IIH
VCC = 5.25 V
VIN = 2.7 V
±1
µA
IIL
VCC = 5.25 V,
VIN = 0.5 V
±1
µA
IOZH
VCC = 5.25 V,
VOUT = 2.7 V
15
µA
IOZL
VCC = 5.25 V,
VOUT = 0.5 V
–15
µA
IOS‡
VCC = 5.25 V,
VOUT = 0 V
–60
–120
–225
mA
Ioff
VCC = 0 V,
VOUT = 4.5 V
±1
µA
ICC
VCC = 5.25 V,
VIN ≤ 0.2V,
VIN ≥ VCC – 0.2 V
0.1
0.2
mA
∆ICC
VCC = 5.25 V, VIN = 3.4 V§, f1 = 0, Outputs open
0.5
2
mA
ICCD¶
VCC = 5.25 V, One input switching at 50% duty cycle, Outputs open,
CEAB and OEAB = LOW, CEBA = HIGH,
VIN ≤ 0.2 V or VIN ≥ VCC – 0.2 V
0.06
1.2
mA/
MHz
#
VCC = 5.25 V, f0 = 10 MHz,
One bit switching
at f1 = 5 MHz
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
0.7
1.4
IC#
Outputs open,
CEAB and OEAB = LOW
1
at 50% duty cycle
VIN = 3.4 V or GND
1.2
3.4
mA
IC#
CEAB and OEAB = LOW,
CEBA = HIGH,
f0 = LEAB = 10 MHz
Eight bits switching
at f1 = 5 MHz
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
2.8
5.6||
mA
0
1
at 50% duty cycle
VIN = 3.4 V or GND
5.1
14.6||
Ci
5
10
pF
Co
9
12
pF
† Typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or
sample-and-hold techniques are preferable to minimize internal chip heating and more accurately reflect operational values. Otherwise, prolonged
shorting of a high output can raise the chip temperature well above normal and cause invalid readings in other parametric tests. In any sequence
of parameter tests, IOS tests should be performed last.
§ Per TTL-driven input (VIN = 3.4 V); all other inputs at VCC or GND
¶ This parameter is derived for use in total power-supply calculations.
# IC
= ICC + ∆ICC × DH × NT + ICCD (f0/2 + f1 × N1)
Where:
IC
= Total supply current
ICC
= Power-supply current with CMOS input levels
∆ICC = Power-supply current for a TTL high input (VIN = 3.4 V)
DH
= Duty cycle for TTL inputs high
NT
= Number of TTL inputs at DH
ICCD = Dynamic current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamperes and all frequencies are in megahertz.
|| Values for these conditions are examples of the ICC formula.


Similar Part No. - 74FCT2543ATSOCTE4

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
74FCT2574ATQCTE4 CONEXANT-74FCT2574ATQCTE4 Datasheet
317Kb / 15P
   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
74FCT2574ATQCTE4 TI1-74FCT2574ATQCTE4 Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Synaptics Incorporated.
74FCT2574ATSOCTE4 CONEXANT-74FCT2574ATSOCTE4 Datasheet
317Kb / 15P
   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
74FCT2574ATSOCTE4 TI1-74FCT2574ATSOCTE4 Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Synaptics Incorporated.
74FCT2574ATSOCTG4 CONEXANT-74FCT2574ATSOCTG4 Datasheet
317Kb / 15P
   8-BIT REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - 74FCT2543ATSOCTE4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74FR543 FAIRCHILD-74FR543 Datasheet
48Kb / 6P
   Octal Latched Transceiver with 3-STATE Outputs
logo
Texas Instruments
CY54FCT543T TI-CY54FCT543T Datasheet
316Kb / 12P
[Old version datasheet]   8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT2245T TI1-CY74FCT2245T_16 Datasheet
1,016Kb / 18P
[Old version datasheet]   8-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
CY74FCT652T TI1-CY74FCT652T_14 Datasheet
624Kb / 16P
[Old version datasheet]   8-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
M66312P RENESAS-M66312P Datasheet
140Kb / 9P
   8-Bit LED Driver with Shift Register and Latched 3-State Outputs
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16863 TI-SN74ALVCH16863 Datasheet
115Kb / 8P
[Old version datasheet]   18-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com