Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8821BEEV180Y Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME8821BEEV180Y
Description  250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8821BEEV180Y Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME8821BEEV180Y Datasheet HTML 2Page - Analog Microelectronics AME8821BEEV180Y Datasheet HTML 3Page - Analog Microelectronics AME8821BEEV180Y Datasheet HTML 4Page - Analog Microelectronics AME8821BEEV180Y Datasheet HTML 5Page - Analog Microelectronics AME8821BEEV180Y Datasheet HTML 6Page - Analog Microelectronics AME8821BEEV180Y Datasheet HTML 7Page - Analog Microelectronics AME8821BEEV180Y Datasheet HTML 8Page - Analog Microelectronics AME8821BEEV180Y Datasheet HTML 9Page - Analog Microelectronics AME8821BEEV180Y Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AME
6
250mA Hi-PSRR, Low-Quiescent LDO
with In-Rush Current Control
For USB Application
AME8821
Rev.A.04
n Electrical Specifications
Note1 : V
IN = VOUT + VDROP
Note2 : Continuous output current and operating junction temperature are limited by internal protection circuitry,
but it is not recommended that the device operate under conditions beyond those specified in this table for
extended periods of time.
Over operating temperature range(T
J = -40
oC to 125oC), V
IN = VOUT(nom) + 1V, or VIN = VIN(min) whichever is greater, IOUT =
1mA, V
EN = VIN(VENB = 0), and COUT = 4.7µF, CIN = 1µF unless otherwise noted. Typical values are at TA = 25
oC.
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note1
5.5
V
-1.5
1.5
-3
3
-0.30
0.2
0.3
-0.40
0.4
-0.25
0.15
0.25
-0.35
0.35
-0.25
0.15
0.25
-0.35
0.35
-0.25
0.15
0.25
-0.35
0.35
-0.2
0.1
0.2
-0.3
0.3
Output Current
IOUT
250
mA
Output Current Limit
ILIM
300
350
750
mA
17
25
30
Output Voltage Load
Regulation
%
TJ = -40
oC to +125oC
µA
VOUT = 0V, TA = 25
oC
TA = 25
oC
10
µA < I
OUT < 250mA
10
µA < I
OUT < 250mA
TJ = -40
oC to +125oC
REGLOAD 1mA <= IOUT <= 250mA
TA = 25
oC
Quiescent Current
IQ
VOUT = 1.8V,
2.5V < VIN < 5.5V
Output Voltage Line
Regulation
REGLINE
VOUT = 3.0V,
3.5V < VIN < 5.5V
VOUT = 2.85V,
3.3V < VIN < 5.5V
VOUT = 3.3V,
3.8V < VIN < 5.5V
VOUT = 2.5V,
3V < VIN < 5.5V
TA = 25
oC
0.1
%/mA
-0.1
0.0025
TJ = -40
oC to +125oC
TA = 25
oC
TJ = -40
oC to +125oC
TJ = -40
oC to +125oC
%/V
TA = 25
oC
TA = 25
oC
TA = 25
oC
TJ = -40
oC to +125oC
TA = 25
oC
TJ = -40
oC to +125oC
Test Condition
(See Note2)
VOUT(nom)
Output Voltage Accuracy
∆V
OUT
V
OUT
x 100%
∆ I
OUT
∆V
OUT
VOUT
x 100%
∆ V
IN


Similar Part No. - AME8821BEEV180Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8821BEEV180Y AME-AME8821BEEV180Y Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8821BEEV180Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8821 AME-AME8821 Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8831 AME-AME8831_08 Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Asahi Kasei Microsystem...
AME8831 AKM-AME8831 Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Texas Instruments
TPS78825DBVR TI-TPS78825DBVR Datasheet
161Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78825 TI1-TPS78825 Datasheet
730Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS788 TI-TPS788_15 Datasheet
716Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833DBVR TI1-TPS78833DBVR Datasheet
173Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833 TI-TPS78833 Datasheet
171Kb / 9P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com