Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8824AEEYL Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME8824AEEYL
Description  300mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8824AEEYL Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME8824AEEYL Datasheet HTML 6Page - Analog Microelectronics AME8824AEEYL Datasheet HTML 7Page - Analog Microelectronics AME8824AEEYL Datasheet HTML 8Page - Analog Microelectronics AME8824AEEYL Datasheet HTML 9Page - Analog Microelectronics AME8824AEEYL Datasheet HTML 10Page - Analog Microelectronics AME8824AEEYL Datasheet HTML 11Page - Analog Microelectronics AME8824AEEYL Datasheet HTML 12Page - Analog Microelectronics AME8824AEEYL Datasheet HTML 13Page - Analog Microelectronics AME8824AEEYL Datasheet HTML 14Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AME
10
300mA CMOS LDO
AME8824
Rev.D.02
n External Resistor Divider Table
R1
(K Ohm)
1
2
5
10
20
50
100
200
500
1000
Vout
3.15
0.62
1.23
3.08
6.15
12.31
30.77
61.54
123.08
307.69
615.38
3.20
0.60
1.20
3.00
6.00
12.00
30.00
60.00
120.00
300.00
600.00
3.25
0.59
1.17
2.93
5.85
11.71
29.27
58.54
117.07
292.68
585.37
3.30
0.57
1.14
2.86
5.71
11.43
28.57
57.14
114.29
285.71
571.43
3.35
0.56
1.12
2.79
5.58
11.16
27.91
55.81
111.63
279.07
558.14
3.40
0.55
1.09
2.73
5.45
10.91
27.27
54.55
109.09
272.73
545.45
3.45
0.53
1.07
2.67
5.33
10.67
26.67
53.33
106.67
266.67
533.33
3.50
0.52
1.04
2.61
5.22
10.43
26.09
52.17
104.35
260.87
521.74
3.55
0.51
1.02
2.55
5.11
10.21
25.53
51.06
102.13
255.32
510.64
3.60
0.50
1.00
2.50
5.00
10.00
25.00
50.00
100.00
250.00
500.00
3.65
0.49
0.98
2.45
4.90
9.80
24.49
48.98
97.96
244.90
489.80
3.70
0.48
0.96
2.40
4.80
9.60
24.00
48.00
96.00
240.00
480.00
3.75
0.47
0.94
2.35
4.71
9.41
23.53
47.06
94.12
235.29
470.59
3.80
0.46
0.92
2.31
4.62
9.23
23.08
46.15
92.31
230.77
461.54
3.85
0.45
0.91
2.26
4.53
9.06
22.64
45.28
90.57
226.42
452.83
3.90
0.44
0.89
2.22
4.44
8.89
22.22
44.44
88.89
222.22
444.44
3.95
0.44
0.87
2.18
4.36
8.73
21.82
43.64
87.27
218.18
436.36
4.00
0.43
0.86
2.14
4.29
8.57
21.43
42.86
85.71
214.29
428.57
4.05
0.42
0.84
2.11
4.21
8.42
21.05
42.11
84.21
210.53
421.05
4.10
0.41
0.83
2.07
4.14
8.28
20.69
41.38
82.76
206.90
413.79
4.15
0.41
0.81
2.03
4.07
8.14
20.34
40.68
81.36
203.39
406.78
4.20
0.40
0.80
2.00
4.00
8.00
20.00
40.00
80.00
200.00
400.00
4.25
0.39
0.79
1.97
3.93
7.87
19.67
39.34
78.69
196.72
393.44
4.30
0.39
0.77
1.94
3.87
7.74
19.35
38.71
77.42
193.55
387.10
4.35
0.38
0.76
1.90
3.81
7.62
19.05
38.10
76.19
190.48
380.95
4.40
0.37
0.75
1.87
3.75
7.50
18.75
37.50
75.00
187.50
375.00
4.45
0.37
0.74
1.85
3.69
7.38
18.46
36.92
73.85
184.62
369.23
4.50
0.36
0.73
1.82
3.64
7.27
18.18
36.36
72.73
181.82
363.64
4.55
0.36
0.72
1.79
3.58
7.16
17.91
35.82
71.64
179.10
358.21
4.60
0.35
0.71
1.76
3.53
7.06
17.65
35.29
70.59
176.47
352.94
4.65
0.35
0.70
1.74
3.48
6.96
17.39
34.78
69.57
173.91
347.83
4.70
0.34
0.69
1.71
3.43
6.86
17.14
34.29
68.57
171.43
342.86
4.75
0.34
0.68
1.69
3.38
6.76
16.90
33.80
67.61
169.01
338.03
4.80
0.33
0.67
1.67
3.33
6.67
16.67
33.33
66.67
166.67
333.33
4.85
0.33
0.66
1.64
3.29
6.58
16.44
32.88
65.75
164.38
328.77
4.90
0.32
0.65
1.62
3.24
6.49
16.22
32.43
64.86
162.16
324.32
4.95
0.32
0.64
1.60
3.20
6.40
16.00
32.00
64.00
160.00
320.00
5.00
0.32
0.63
1.58
3.16
6.32
15.79
31.58
63.16
157.89
315.79
R2(K Ohm)=(1.2*R1(K Ohm))/(Vout-1.2)
Note: Small Load (greater than 2mA) is necessary as R1 or R2 is larger than 50 Kohm. Otherwise, output
voltage probably cannot be pulled down to 0V on disable mode.


Similar Part No. - AME8824AEEYL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8824AEEYL AME-AME8824AEEYL Datasheet
134Kb / 10P
   300mA CMOS LDO
More results

Similar Description - AME8824AEEYL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com