Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8821AEEV180Z Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME8821AEEV180Z
Description  250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8821AEEV180Z Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME8821AEEV180Z Datasheet HTML 6Page - Analog Microelectronics AME8821AEEV180Z Datasheet HTML 7Page - Analog Microelectronics AME8821AEEV180Z Datasheet HTML 8Page - Analog Microelectronics AME8821AEEV180Z Datasheet HTML 9Page - Analog Microelectronics AME8821AEEV180Z Datasheet HTML 10Page - Analog Microelectronics AME8821AEEV180Z Datasheet HTML 11Page - Analog Microelectronics AME8821AEEV180Z Datasheet HTML 12Page - Analog Microelectronics AME8821AEEV180Z Datasheet HTML 13Page - Analog Microelectronics AME8821AEEV180Z Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AME
10
250mA Hi-PSRR, Low-Quiescent LDO
with In-Rush Current Control
For USB Application
AME8821
Rev.A.04
Line Transient Response
Load Transient Response
Output Voltage, Enable Voltage vs Time
(Start-Up)
Output Voltage, Enable Voltage vs Time
(Start-Up)
Output Voltage vs. Temperature
Time (20
µS/Div)
5.3
4.3
20
0
-20
Output Voltage, Enable Voltage vs Time
(Start-Up)
3.235
3.240
3.245
3.250
3.255
3.260
3.265
3.270
3.275
3.280
3.285
3.290
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
V
IN = 4.3V
I
OUT = 250mA
I
OUT = 1mA
Time (100mS/Div)
5
0
3
2
1
0
V
IN = 4.3V
V
OUT = 3.3V
I
OUT = 250mA
C
(SR) = 0.1µF
C
OUT = 4.7µF
T
A = 25℃
Time (10mS/Div)
5
0
3
2
1
0
V
IN = 4.3V
V
OUT = 3.3V
I
OUT = 250mA
C
(SR) = 0.01µF
C
OUT = 4.7µF
T
A = 25℃
5
0
3
2
1
0
Time (100mS/Div)
V
IN = 4.3V
V
OUT = 3.3V
I
OUT = 250mA
C
(SR) = 0.22µF
C
OUT = 4.7µF
T
A = 25℃
Time (20
µS/Div)
300
200
100
0
100
0
-100
V
IN = 4.3V
V
OUT = 3.3V
C
OUT = 4.7µF


Similar Part No. - AME8821AEEV180Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8821AEEV180Z AME-AME8821AEEV180Z Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8821AEEV180Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8821 AME-AME8821 Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8831 AME-AME8831_08 Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Asahi Kasei Microsystem...
AME8831 AKM-AME8831 Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Texas Instruments
TPS78825DBVR TI-TPS78825DBVR Datasheet
161Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78825 TI1-TPS78825 Datasheet
730Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS788 TI-TPS788_15 Datasheet
716Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833DBVR TI1-TPS78833DBVR Datasheet
173Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833 TI-TPS78833 Datasheet
171Kb / 9P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com