Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8821BEEV300Z Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME8821BEEV300Z
Description  250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8821BEEV300Z Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8821BEEV300Z Datasheet HTML 3Page - Analog Microelectronics AME8821BEEV300Z Datasheet HTML 4Page - Analog Microelectronics AME8821BEEV300Z Datasheet HTML 5Page - Analog Microelectronics AME8821BEEV300Z Datasheet HTML 6Page - Analog Microelectronics AME8821BEEV300Z Datasheet HTML 7Page - Analog Microelectronics AME8821BEEV300Z Datasheet HTML 8Page - Analog Microelectronics AME8821BEEV300Z Datasheet HTML 9Page - Analog Microelectronics AME8821BEEV300Z Datasheet HTML 10Page - Analog Microelectronics AME8821BEEV300Z Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AME
7
AME8821
250mA Hi-PSRR, Low-Quiescent LDO
with In-Rush Current Control
For USB Application
Rev.A.04
n Electrical Specifications (contd.)
Parameter
Symbol
Min
Typ
Max
Units
1000
1100
1200
500
600
650
400
550
600
400
550
600
400
550
600
Thermal Shutdown Temerature TSHDN
150
Temerature Hysterisis
THYS
20
Output Voltage Temperature
Coefficient
TC
30
ppm
Enable Bar High (Shutdown)
VENB(HI)
Enable High (Enabled)
VEN(HI)
Enable Bar Low (Enabled)
VENB(LO)
Enable Low (Shutdown)
VEN(LO)
Enable / Enable Bar Pin
Current (Enabled)
IEN / IENB
0.1
1
µA
Shutdown Current
ISHDN
1
2
µA
20
200
450
65
VIN = 2.5V to 5.5V
1.4
VIN
0
0.3
TJ = -40
oC to +125oC
TA = 25
oC
TA = 25
oC
ENB = VIN, EN = 0, VIN = 2.5V to 5.5V
VOUT = 3.3V, f = 1KHz,
IOUT = 100mA
COUT = 4.7µF
C(SR) = 0.01µF
ENB = 0, EN = VIN, VIN = 2.5V to 5.5V
TA = 25
oC
BW = 200Hz to 100KHz
IOUT = 250mA
Start up Time
TSTR
VOUT = 3.3V
RLOAD = 22Ω
COUT = 10µF
C(SR) = 0.01µF
C(SR) = 0.1µF
C(SR) = 0.22µF
oC
100
mS
V
µV
RMS
dB
Test Condition
Power Supply Ripple
Rejection
PSRR
Output Voltage Noise
eN
Dropout Voltage @ VOUT =
VOUT(nom) - 2%VOUT(nom)
VOUT(nom) = 2.5V
IOUT = 250mA
VOUT(nom) = 2.85V
IOUT = 250mA
VOUT(nom) = 3V
IOUT = 250mA
VOUT(nom) = 3.3V
IOUT = 250mA
VOUT(nom) = 1.8V
IOUT = 250mA
mV
TA = 25
oC
TJ = -40
oC to +125oC
VDROP
TJ = -40
oC to +125oC
TA = 25
oC
TJ = -40
oC to +125oC
TA = 25
oC
TJ = -40
oC to +125oC
TA = 25
oC
Thermal shutdown increasing
COUT = 4.7µF,
C(SR) = 0.47µF
TA = 25
oC


Similar Part No. - AME8821BEEV300Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8821BEEV300Z AME-AME8821BEEV300Z Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8821BEEV300Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8821 AME-AME8821 Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8831 AME-AME8831_08 Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Asahi Kasei Microsystem...
AME8831 AKM-AME8831 Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Texas Instruments
TPS78825DBVR TI-TPS78825DBVR Datasheet
161Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78825 TI1-TPS78825 Datasheet
730Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS788 TI-TPS788_15 Datasheet
716Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833DBVR TI1-TPS78833DBVR Datasheet
173Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833 TI-TPS78833 Datasheet
171Kb / 9P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com