Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ1CZ1T Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ1CZ1T
Description  Surface Mount Type Chopper Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1CZ1T Datasheet(HTML) 1 Page - Sharp Corporation

  PQ1CZ1T Datasheet HTML 1Page - Sharp Corporation PQ1CZ1T Datasheet HTML 2Page - Sharp Corporation PQ1CZ1T Datasheet HTML 3Page - Sharp Corporation PQ1CZ1T Datasheet HTML 4Page - Sharp Corporation PQ1CZ1T Datasheet HTML 5Page - Sharp Corporation PQ1CZ1T Datasheet HTML 6Page - Sharp Corporation PQ1CZ1T Datasheet HTML 7Page - Sharp Corporation PQ1CZ1T Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Chopper Regulators
PQ1CZ1
PQ1CZ1
Surface Mount Type Chopper Regulator
s Features
q
Surface mount type package (equivalent to SC-63, 5-terminal
type)
q
Variable output voltage (Vref to 35V/–Vref to –30V)
q
Built-in ON/OFF control function
q
Built-in overheat protection function and overcurrent
protection function
q
Built-in soft start function
s Applications
q
Personal computers
q
Word processors
q
Printers
q
Car audio equipment
Parameter
Symbol
Rating
Unit
VIN
VADJ
Vi-O
ISW
VOUT
VC
PD
Tj
Topr
Tstg
Tsol
40
7
41
1.5
–1
–0.3 to 40
8
150
–20 to +80
–40 to +150
260(For 10s)
V
V
V
A
V
V
W
˚C
˚C
˚C
˚C
Input voltage
Error input voltage
Input-output voltage
Switching current
Voltage between output and COM
ON/OFF control voltage
Power dissipation
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
❇1
❇2
❇3
❇4
❇1 Voltage between VIN terminal and COM terminal.
❇2 Voltage between VOUT terminal and COM terminal.
❇3 Voltage between Vc terminal and COM terminal.
❇4 With infinite heat sink, Refer to Fig.1
s Absolute Maximum Ratings
(Ta=25˚C)
s Outline Dimensions
(Unit : mm)
• Please refer to the chapter " Handling Precautions ".
1CZ1
6.6MAX
5.2
±0.5
2.3
±0.5
0.5
+0.2
–0.1
4–(1.27)
(0.5)
(0.5)
VIN
VOUT
COM(equivalent to heat sink)
OADJ
VC
(
):Typical values
1
1
2
2
3
3
4
4
5
5
3
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/


Similar Part No. - PQ1CZ1T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CZ1 SHARP-PQ1CZ1 Datasheet
79Kb / 8P
   Surface Mount Type Chopper Regulator
More results

Similar Description - PQ1CZ1T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CZ1 SHARP-PQ1CZ1 Datasheet
79Kb / 8P
   Surface Mount Type Chopper Regulator
PQ1CY1032Z SHARP-PQ1CY1032Z Datasheet
94Kb / 9P
   TO-263 Surface Mount Type Chopper Regulator
PQ1CY1032ZXH SHARP-PQ1CY1032ZXH Datasheet
163Kb / 6P
   To-263 Surface Mount Type Chopper Regulator
PQ1CYXX3LZPH SHARP-PQ1CYXX3LZPH Datasheet
138Kb / 5P
   To-263 Surface Mount Type Chopper Regulator
logo
Sanyo Semicon Device
STK795 SANYO-STK795 Datasheet
96Kb / 4P
   Chopper Type Voltage Regulator???
logo
Sharp Corporation
PQ1CG3032FZ SHARP-PQ1CG3032FZ Datasheet
90Kb / 8P
   TO 220 TYPE CHOPPER REGULATOR
PQ1CG2032FZH SHARP-PQ1CG2032FZH Datasheet
147Kb / 5P
   TO-220 Type Chopper Regulator
logo
Sanken electric
SPF8050J SANKEN-SPF8050J Datasheet
208Kb / 1P
   Automotive Surface Mount Type Switching Regulator
logo
Toshiba Semiconductor
2SK3067 TOSHIBA-2SK3067 Datasheet
128Kb / 3P
   Chopper Regulator
2SK2312 TOSHIBA-2SK2312_07 Datasheet
254Kb / 6P
   Chopper Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com