Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ1CZ1 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PQ1CZ1
Description  Surface Mount Type Chopper Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1CZ1 Datasheet(HTML) 5 Page - Sharp Corporation

  PQ1CZ1 Datasheet HTML 1Page - Sharp Corporation PQ1CZ1 Datasheet HTML 2Page - Sharp Corporation PQ1CZ1 Datasheet HTML 3Page - Sharp Corporation PQ1CZ1 Datasheet HTML 4Page - Sharp Corporation PQ1CZ1 Datasheet HTML 5Page - Sharp Corporation PQ1CZ1 Datasheet HTML 6Page - Sharp Corporation PQ1CZ1 Datasheet HTML 7Page - Sharp Corporation PQ1CZ1 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Chopper Regulators
PQ1CZ1
s Block Diagram
s Step Down Type Circuit Diagram (5V output)
s Polarity Inversion Type Circuit Diagram (–5V output)
VIN
8~35V
CIN
100
µF
CS
RS
CO
470
µF
VO=5V
RS<=50k
ON/OFF control signal
+
D
R1
1k
R2
3k
L 210
µH
+
PQ1CZ1
1
2
3
4
5
VIN
5 to 30V
CIN
100
µF
CS
RS
CO
2200
µF
VO=–5V
RS<=50k
ON/OFF control signal
+
D
R1
1k
R2
3k
L 130
µH
+
PQ1CZ1
1
2
3
4
5
Voltage
regulator
ON/OFF
circuit
VIN
VOUT
ON/OFF
OADJ
COM
Over current
detecting
circuit
Over current
detecting
circuit
F/F
PWM COMP
ERROR AMP.
Vref
Q
R
S
––
+
+
1
2
3
4
5


Similar Part No. - PQ1CZ1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CZ1 SHARP-PQ1CZ1 Datasheet
79Kb / 8P
   Surface Mount Type Chopper Regulator
More results

Similar Description - PQ1CZ1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CZ1 SHARP-PQ1CZ1 Datasheet
79Kb / 8P
   Surface Mount Type Chopper Regulator
PQ1CY1032Z SHARP-PQ1CY1032Z Datasheet
94Kb / 9P
   TO-263 Surface Mount Type Chopper Regulator
PQ1CY1032ZXH SHARP-PQ1CY1032ZXH Datasheet
163Kb / 6P
   To-263 Surface Mount Type Chopper Regulator
PQ1CYXX3LZPH SHARP-PQ1CYXX3LZPH Datasheet
138Kb / 5P
   To-263 Surface Mount Type Chopper Regulator
logo
Sanyo Semicon Device
STK795 SANYO-STK795 Datasheet
96Kb / 4P
   Chopper Type Voltage Regulator???
logo
Sharp Corporation
PQ1CG3032FZ SHARP-PQ1CG3032FZ Datasheet
90Kb / 8P
   TO 220 TYPE CHOPPER REGULATOR
PQ1CG2032FZH SHARP-PQ1CG2032FZH Datasheet
147Kb / 5P
   TO-220 Type Chopper Regulator
logo
Sanken electric
SPF8050J SANKEN-SPF8050J Datasheet
208Kb / 1P
   Automotive Surface Mount Type Switching Regulator
logo
Toshiba Semiconductor
2SK3067 TOSHIBA-2SK3067 Datasheet
128Kb / 3P
   Chopper Regulator
2SK2312 TOSHIBA-2SK2312_07 Datasheet
254Kb / 6P
   Chopper Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com