Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8819BEFA120Z Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME8819BEFA120Z
Description  Low Dropout 600mA CMOS Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8819BEFA120Z Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME8819BEFA120Z Datasheet HTML 2Page - Analog Microelectronics AME8819BEFA120Z Datasheet HTML 3Page - Analog Microelectronics AME8819BEFA120Z Datasheet HTML 4Page - Analog Microelectronics AME8819BEFA120Z Datasheet HTML 5Page - Analog Microelectronics AME8819BEFA120Z Datasheet HTML 6Page - Analog Microelectronics AME8819BEFA120Z Datasheet HTML 7Page - Analog Microelectronics AME8819BEFA120Z Datasheet HTML 8Page - Analog Microelectronics AME8819BEFA120Z Datasheet HTML 9Page - Analog Microelectronics AME8819BEFA120Z Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
AME
AME8819
Low Dropout
600mA CMOS Regulator
6
Rev.D.04
n Available Options
Part Number
Marking
Output
Voltage
Package
Operating Ambient
Temperature Range
AME8819AEFT120Z
A8819
CKyMXX
1.2V
SOT-89
-40
OC to +85OC
AME8819AEFT150Z
A8819
CJyMXX
1.5V
SOT-89
-40
OC to +85OC
AME8819AEFT180Z
A8819
CIyMXX
1.8V
SOT-89
-40
OC to +85OC
AME8819AEFT250Z
A8819
CGyMXX
2.5V
SOT-89
-40
OC to +85OC
AME8819AEFT300Z
A8819
CDyMXX
3.0V
SOT-89
-40
OC to +85OC
AME8819AEFT330Z
A8819
CByMXX
3.3V
SOT-89
-40
OC to +85OC
AME8819BEFT120Z
A8819
DKyMXX
1.2V
SOT-89
-40
OC to +85OC
AME8819BEFT150Z
A8819
DJyMXX
1.5V
SOT-89
-40
OC to +85OC
AME8819BEFT180Z
A8819
DIyMXX
1.8V
SOT-89
-40
OC to +85OC
AME8819BEFT250Z
A8819
DGyMXX
2.5V
SOT-89
-40
OC to +85OC
AME8819BEFT300Z
A8819
DDyMXX
3.0V
SOT-89
-40
OC to +85OC
AME8819BEFT330Z
A8819
DByMXX
3.3V
SOT-89
-40
OC to +85OC
AME8819BEFT360Z
A8819
DAyMXX
3.6V
SOT-89
-40
OC to +85OC
AME8819AEGT120Z
A8819
AKyMXX
1.2V
SOT-223
-40
OC to +85OC
AME8819AEGT150Z
A8819
AJyMXX
1.5V
SOT-223
-40
OC to +85OC
AME8819AEGT180Z
A8819
AIyMXX
1.8V
SOT-223
-40
OC to +85OC
AME8819AEGT250Z
A8819
AGyMXX
2.5V
SOT-223
-40
OC to +85OC
AME8819AEGT300Z
A8819
ADyMXX
3.0V
SOT-223
-40
OC to +85OC


Similar Part No. - AME8819BEFA120Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8819BEFA180Z AME-AME8819BEFA180Z Datasheet
239Kb / 20P
   Low Dropout 600mA CMOS Regulator
More results

Similar Description - AME8819BEFA120Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8819 AME-AME8819 Datasheet
239Kb / 20P
   Low Dropout 600mA CMOS Regulator
logo
Richtek Technology Corp...
RT9187C RICHTEK-RT9187C Datasheet
175Kb / 8P
   600mA, Ultra-Low Dropout, CMOS Regulator
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
   600mA Low Dropout CMOS Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G905 GMT-G905 Datasheet
238Kb / 6P
   2.5V 600mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com