Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC81100NIP0F Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC81100NIP0F
Description  DIP 4pin High Speed under High Load Resistance Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC81100NIP0F Datasheet(HTML) 5 Page - Sharp Corporation

  PC81100NIP0F Datasheet HTML 1Page - Sharp Corporation PC81100NIP0F Datasheet HTML 2Page - Sharp Corporation PC81100NIP0F Datasheet HTML 3Page - Sharp Corporation PC81100NIP0F Datasheet HTML 4Page - Sharp Corporation PC81100NIP0F Datasheet HTML 5Page - Sharp Corporation PC81100NIP0F Datasheet HTML 6Page - Sharp Corporation PC81100NIP0F Datasheet HTML 7Page - Sharp Corporation PC81100NIP0F Datasheet HTML 8Page - Sharp Corporation PC81100NIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Sheet No.: D2-A03802EN
Model Line-up
IC [mA]
(IF
=5mA, VCE=5V, Ta=25˚C)
with or without
Rank mark
A
2.5 to 20.0
3.0 to 6.0
Through-Hole
SMT Gullwing
100pcs/sleeve
100pcs/sleeve
B
5.0 to 10.0
C
7.5 to 15.0
A or B
3.0 to 10.0
B or C
5.0 to 15.0
A, B or C
3.0 to 15.0
PC81102NSZ0F
PC81101NSZ0F
PC81100NSZ0F
PC81103NSZ0F
PC81105NSZ0F
PC81106NSZ0F
PC81108NSZ0F
PC81100NIZ0F
PC81101NIZ0F
PC81102NIZ0F
PC81103NIZ0F
PC81105NIZ0F
PC81106NIZ0F
PC81108NIZ0F
PC81100NIP0F
PC81101NIP0F
PC81102NIP0F
PC81103NIP0F
PC81105NIP0F
PC81106NIP0F
PC81108NIP0F
2000pcs/reel
Lead Form
Package
Model No.
5
Please contact a local SHARP sales representative to inquire about production status.
PC8110xNSZ0F Series


Similar Part No. - PC81100NIP0F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PC8110GR-E1 RENESAS-PC8110GR-E1 Datasheet
410Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results

Similar Description - PC81100NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC810 SHARP-PC810 Datasheet
67Kb / 4P
   High Speed Under High Load Resistance Photocoupler
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC851X SHARP-PC851X Datasheet
215Kb / 14P
   DIP 4pin High Collector-emitter Voltage Photocoupler
PC81713NSZ0F SHARP-PC81713NSZ0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81710NSZ0F SHARP-PC81710NSZ0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81710NIP0F SHARP-PC81710NIP0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81711NIP0F SHARP-PC81711NIP0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XPJ000F SHARP-PC817XPJ000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com