Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC81105NIP0F Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC81105NIP0F
Description  DIP 4pin High Speed under High Load Resistance Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC81105NIP0F Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC81105NIP0F Datasheet HTML 3Page - Sharp Corporation PC81105NIP0F Datasheet HTML 4Page - Sharp Corporation PC81105NIP0F Datasheet HTML 5Page - Sharp Corporation PC81105NIP0F Datasheet HTML 6Page - Sharp Corporation PC81105NIP0F Datasheet HTML 7Page - Sharp Corporation PC81105NIP0F Datasheet HTML 8Page - Sharp Corporation PC81105NIP0F Datasheet HTML 9Page - Sharp Corporation PC81105NIP0F Datasheet HTML 10Page - Sharp Corporation PC81105NIP0F Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Sheet No.: D2-A03802EN
Ambient temperature Ta (˚C)
−30
100
90
80
70
60
50
40
30
20
10
0
−10
−20
VCE=50V
10
11
10
5
10
6
10
7
10
8
10
9
10
10
Fig.11 Collector Dark Current vs. Ambient
Temperature
0.1
100
110
100
Load resistance RL (kΩ)
VCC=5V
IF=20mA
Ta=25˚C
ts
10
1
toff
ton
Fig.12 Response Time vs. Load Resistance
(saturation region)
Ambient temperature Ta (˚C)
−30
100
90
80
70
60
50
40
30
20
10
0
−10
−20
VCE=5V
IF=5mA
0
140
120
100
80
60
40
20
Fig.9 Relative Current Transfer Ratio vs.
Ambient Temperature
Ambient temperature Ta (˚C)
0
0.2
0.18
0.16
0.14
0.12
0.1
0.08
0.06
0.04
0.02
IF=20mA
IC=1mA
−30
100
90
80
70
60
50
40
30
20
10
0
−10
−20
Fig.10 Collector - emitter Saturation Voltage
vs. Ambient Temperature
7
Forward current IF (mA)
110
100
0
200
160
120
80
40
180
140
100
60
20
VCE=5V
Ta=25˚C
Fig.7 Current Transfer Ratio vs. Forward
Current
Collector-emitter voltage VCE (V)
0
30
02468
10
Ta=25˚C
25
20
15
10
5
PC (MAX.)
IF=30mA
IF=20mA
IF=10mA
IF=5mA
IF=3mA
Fig.8 Collector Current vs. Collector-emitter
Voltage
PC8110xNSZ0F Series


Similar Part No. - PC81105NIP0F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PC8110GR-E1 RENESAS-PC8110GR-E1 Datasheet
410Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results

Similar Description - PC81105NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC810 SHARP-PC810 Datasheet
67Kb / 4P
   High Speed Under High Load Resistance Photocoupler
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC851X SHARP-PC851X Datasheet
215Kb / 14P
   DIP 4pin High Collector-emitter Voltage Photocoupler
PC81713NSZ0F SHARP-PC81713NSZ0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81710NSZ0F SHARP-PC81710NSZ0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81710NIP0F SHARP-PC81710NIP0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81711NIP0F SHARP-PC81711NIP0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XPJ000F SHARP-PC817XPJ000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com