Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC24610D Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24610D
Description  GREEN Rectifier Controller Device
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24610D Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC24610D Datasheet HTML 5Page - Texas Instruments UCC24610D Datasheet HTML 6Page - Texas Instruments UCC24610D Datasheet HTML 7Page - Texas Instruments UCC24610D Datasheet HTML 8Page - Texas Instruments UCC24610D Datasheet HTML 9Page - Texas Instruments UCC24610D Datasheet HTML 10Page - Texas Instruments UCC24610D Datasheet HTML 11Page - Texas Instruments UCC24610D Datasheet HTML 12Page - Texas Instruments UCC24610D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
UCC24610
www.ti.com
SLUSA87B – AUGUST 2010 – REVISED SEPTEMBER 2010
MODES OF OPERATION
UVLO Mode
When the VCC voltage to the device has not yet reached the VCC(on) threshold, or has fallen below the UVLO
threshold VCC(off), the device operates in the low-power UVLO Mode. In this mode, most internal functions are
disabled and ICC current is typically much less than 100 µA. While in this mode, the EN current source is shut
off, an internal 10-k
Ω resistance is applied from the EN/TOFF pin to GND, the voltage on EN/TOFF is irrelevant,
and the GATE output is driven low continuously for all VCC > 1.2 V. The device passes out of UVLO Mode when
VCC increases above the VCC(on) threshold. UVLO Mode is very similar to Sleep Mode, except VCC current is at
ICC(start) level.
Sleep Mode
Sleep Mode is a low-power operating mode similar to UVLO Mode, except that this mode is entered under
external control by forcing VEN below the VEN(off) threshold. Sleep Mode may be used to reduce device operating
losses to less than 1 mW. VCC current reduces to ICC(stby) level. External control overrides any internal timing
conditions, and immediately forces the GATE output low and enters Sleep Mode. Many internal circuits are
turned off to reduce power consumption. When VEN is restored to above the VEN(on) threshold, the device exits
Sleep Mode synchronously into Light-Load Mode after a delay of approximately 25 µs to allow re-powered
internal circuits to settle.
Run Mode
Run Mode is the normal operating mode of the controller when not in UVLO Mode, Sleep Mode, or Light-Load
Mode. In this mode, VCC current is higher because all internal control and timing functions are operating and the
GATE output is driving the controlled MOSFET for synchronous rectification. VCC current is the sum of ICC(on)
plus the average current necessary to drive the load on the GATE output. GATE output duty-cycle is dependent
upon system line and load conditions, programmed TON and TOFF times, and SYNC-pulse timing (if applicable).
Light-Load Mode
Light-Load Mode is a low-power operating mode similar to Sleep Mode, except that this mode is entered
automatically based on internal timing conditions. Light-Load Mode automatically reduces switching losses under
light-load conditions by suppressing GATE output pulses whenever the detected synchronous conduction time is
less than the programmed minimum on-time (TON). VCC current reduces to ICC(on) level. While in Light-Load
Mode, the MOSFET body-diode conduction time is still continuously monitored. When this time is detected to
once again exceed TON, the device resumes Run Mode on the next switching cycle.
Fault Mode and Other Protections
Fault Mode is a self-protection operating mode of the controller when certain types of single-fault conditions are
detected on certain pins. In this mode, the device enters a shut-down state (not Sleep Mode) and drives the
GATE output Low. Specifically, Fault Mode is entered if RTON > 301 kΩ or if RTON < 8.7 kΩ. Fault Mode prevents
the conditions of excessive or indefinite on-time (such as from an open-pin) and of excessive TON current (such
as from a shorted-pin).
Similar protection is provided for the EN/TOFF pin. While not specifically detected as faults, if this pin becomes
open-circuited TOFF defaults to a minimum value of ~0.65 µs, and if shorted-to-GND the device enters Sleep
Mode. Additionally, if the SYNC input is continuously held below its trigger threshold voltage, the GATE output is
held low for the entire duration that SYNC remains in that condition.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UCC24610


Similar Part No. - UCC24610D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24610D TI-UCC24610D Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610DR TI-UCC24610DR Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610DRBR TI-UCC24610DRBR Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610DRBT TI-UCC24610DRBT Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
More results

Similar Description - UCC24610D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24610 TI-UCC24610 Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610 TI-UCC24610_15 Datasheet
1Mb / 41P
[Old version datasheet]   UCC24610 GREEN Rectifier??Controller Device
logo
OKI electronic componet...
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
   USB Device Controller
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
   USB DEVICE CONTROLLER
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
   USB DEVICE CONTROLLER
logo
OKI electronic componet...
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
   USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
   USB Device Controller
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
   USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
   USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
   USB Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com