Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

127FSL390XGCG Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 127FSL390XGCG
Description  Photoflash aluminum electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

127FSL390XGCG Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  127FSL390XGCG Datasheet HTML 1Page - Illinois Capacitor, Inc. 127FSL390XGCG Datasheet HTML 2Page - Illinois Capacitor, Inc. 127FSL390XGCG Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, Il 60712
● (847)675-1760● Fax (847) 675-2850 ● www.illcap.com
FSL
Photoflash aluminum electrolytic
Capacitors
Features
 JIS 2365 compliant
Long life
Applications
 Signal lights
 Emergency lights
Specifications
Operating Temperature
Range
-20°C to +70°C
Capacitance Tolerance
-10 to+20% at 120 Hz, 25°C
WVDC
360
390
Surge voltage
SVDC
450
500
WVDC
360
390
Dissipation Factor
(Maximum)
25°C, 120 Hz
tan
δ
.07
.07
Time
5 Minutes
Leakage current
@25°C, Rated WVDC
applied
3
CV
1 million flashes at rated voltage applied & 45°C repeating
every 1 second thru a Xe flash tube having a discharge
resistance if 0.7~1.0
Capacitance change
<10% of initial measured value
Dissipation factor
<150% of maximum specified value
Charge/discharge
Leakage current
<200% of maximum specified value
500 hours at 70°C with no voltage applied
Capacitance change
<10% initial measured value
Dissipation factor
<150% of maximum specified value
Shelf Life
Insulation resistance
<200% of maximum specified value


Similar Part No. - 127FSL390XGCG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
127FSL360XBH ILLINOISCAPACITOR-127FSL360XBH Datasheet
229Kb / 2P
   High reliability - High voltage ??Long life
127FSL360XBH ILLINOISCAPACITOR-127FSL360XBH Datasheet
109Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
127FSL360XCF ILLINOISCAPACITOR-127FSL360XCF Datasheet
229Kb / 2P
   High reliability - High voltage ??Long life
127FSL360XCF ILLINOISCAPACITOR-127FSL360XCF Datasheet
109Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
127FSL360XDD ILLINOISCAPACITOR-127FSL360XDD Datasheet
229Kb / 2P
   High reliability - High voltage ??Long life
More results

Similar Description - 127FSL390XGCG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
157FSL360XDE ILLINOISCAPACITOR-157FSL360XDE Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSL450XEJ ILLINOISCAPACITOR-337FSL450XEJ Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSB330XGBF ILLINOISCAPACITOR-337FSB330XGBF Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSB360XGBG ILLINOISCAPACITOR-337FSB360XGBG Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSL360XDP ILLINOISCAPACITOR-337FSL360XDP Datasheet
109Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XBJ ILLINOISCAPACITOR-687FSB360XBJ Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XEH ILLINOISCAPACITOR-687FSB360XEH Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XGEH ILLINOISCAPACITOR-687FSB360XGEH Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
107FSL360XCE ILLINOISCAPACITOR-107FSL360XCE Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
107FSL450XCF ILLINOISCAPACITOR-107FSL450XCF Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
157FSL360XBP ILLINOISCAPACITOR-157FSL360XBP Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com