Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

127FSL450XCG Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 127FSL450XCG
Description  Photoflash aluminum electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

127FSL450XCG Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  127FSL450XCG Datasheet HTML 1Page - Illinois Capacitor, Inc. 127FSL450XCG Datasheet HTML 2Page - Illinois Capacitor, Inc. 127FSL450XCG Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FSL
+55°C, photoflash dual
package
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
LC (µA)
20°C,
5 minutes
Dims DxL
(mm)
220
360
227FSL360XEE
0.52777
844.27
35x35
220
360
227FSL360XGCZ 0.52777
844.27
25x60
220
360
227FSL360XCZ
0.52777
844.27
25x60
220
360
227FSL360XDG
0.52777
844.27
30x45
220
360
227FSL360XGDG 0.52777
844.27
30x45
220
360
227FSL360XGEE 0.52777
844.27
35x35
220
360
227FSL360XCZ
0.52777
844.27
25x60
220
360
227FSL360XDG
0.52777
844.27
30x45
220
360
227FSL360XGDG 0.52777
844.27
30x45
220
360
227FSL360XGEE 0.52777
844.27
35x35
220
360
227FSL360XEE
0.52777
844.27
35x35
220
360
227FSL360XGCZ 0.52777
844.27
25x60
220
390
227FSL390XGEG 0.52777
878.75
35x45
220
390
227FSL390XGCZ 0.52777
878.75
25x60
220
390
227FSL390XGDP 0.52777
878.75
30x55
220
390
227FSL390XGCZ 0.52777
878.75
25x60
220
390
227FSL390XGDP 0.52777
878.75
30x55
220
390
227FSL390XGEG 0.52777
878.75
35x45
220
450
227FSL450XCZ
0.52777
943.93
25x60
220
450
227FSL450XDP
0.52777
943.93
30x55
220
450
227FSL450XEG
0.52777
943.93
35x45
220
450
227FSL450XDP
0.52777
943.93
30x55
220
450
227FSL450XEG
0.52777
943.93
35x45
220
450
227FSL450XCZ
0.52777
943.93
25x60
270
360
277FSL360XDH 0.430035
935.31
30x50
270
360
277FSL360XEF
0.430035
935.31
35x40
270
360
277FSL360XGDH 0.430035
935.31
30x50
270
360
277FSL360XGEF 0.430035
935.31
35x40
270
360
277FSL360XDH 0.430035
935.31
30x50
270
360
277FSL360XEF
0.430035
935.31
35x40
270
360
277FSL360XGDH 0.430035
935.31
30x50
270
360
277FSL360XGEF 0.430035
935.31
35x40
270
390
277FSL390XGDJ 0.430035
973.5
30x65
270
390
277FSL390XGEP 0.430035
973.5
35x55
270
390
277FSL390XGDJ 0.430035
973.5
30x65
270
390
277FSL390XGEP 0.430035
973.5
35x55
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
LC (µA)
20°C,
5 minutes
Dims DxL
(mm)
270
450
277FSL450XDJ
0.430035 1045.71
35x65
270
450
277FSL450XEP
0.430035 1045.71
35x55
270
450
277FSL450XDJ
0.430035 1045.71
35x65
270
450
277FSL450XEP
0.430035 1045.71
35x55
330
360
337FSL360XGDP 0.351846 1034.02
30x55
330
360
337FSL360XGEH 0.351846 1034.02
35x50
330
360
337FSL360XDP 0.351846 1034.02
30x55
330
360
337FSL360XEH 0.351846 1034.02
35x50
330
360
337FSL360XDP 0.351846 1034.02
30x55
330
360
337FSL360XEH 0.351846 1034.02
35x50
330
360
337FSL360XGDP 0.351846 1034.02
30x55
330
360
337FSL360XGEH 0.351846 1034.02
35x50
330
390
337FSL390XGEJ 0.351846 1076.24
35x65
330
390
337FSL390XGFP 0.351846 1076.24
40x55
330
390
337FSL390XGEJ 0.351846 1076.24
35x65
330
390
337FSL390XGFP 0.351846 1076.24
40x55
330
450
337FSL450XEJ
0.351846 1156.07
35x65
330
450
337FSL450XFP
0.351846 1156.07
40x55
330
450
337FSL450XEJ
0.351846 1156.07
35x65
330
450
337FSL450XFP
0.351846 1156.07
40x55
470
360
477FSL360XGEZ 0.247041 1234.02
35x60
470
360
477FSL360XGFH 0.247041 1234.02
40x50
470
360
477FSL360XEZ
0.247041 1234.02
35x60
470
360
477FSL360XFH 0.247041 1234.02
40x50
470
360
477FSL360XGEZ 0.247041 1234.02
35x60
470
360
477FSL360XGFH 0.247041 1234.02
40x50
470
360
477FSL360XEZ
0.247041 1234.02
35x60
470
360
477FSL360XFH 0.247041 1234.02
40x50
470
390
477FSL390XGEQ 0.247041 1284.41
35x75
470
390
477FSL390XGFJ 0.247041 1284.41
40x65
470
390
477FSL390XGEQ 0.247041 1284.41
35x75
470
390
477FSL390XGFJ 0.247041 1284.41
40x65
470
450
477FSL450XEQ 0.247041 1379.67
35x75
470
450
477FSL450XFJ
0.247041 1379.67
40x65
470
450
477FSL450XEQ 0.247041 1379.67
35x75
470
450
477FSL450XFJ
0.247041 1379.67
40x65


Similar Part No. - 127FSL450XCG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
127FSL450XCG ILLINOISCAPACITOR-127FSL450XCG Datasheet
229Kb / 2P
   High reliability - High voltage ??Long life
127FSL450XCG ILLINOISCAPACITOR-127FSL450XCG Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 127FSL450XCG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
157FSL360XDE ILLINOISCAPACITOR-157FSL360XDE Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSL450XEJ ILLINOISCAPACITOR-337FSL450XEJ Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSB330XGBF ILLINOISCAPACITOR-337FSB330XGBF Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSB360XGBG ILLINOISCAPACITOR-337FSB360XGBG Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSL360XDP ILLINOISCAPACITOR-337FSL360XDP Datasheet
109Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XBJ ILLINOISCAPACITOR-687FSB360XBJ Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XEH ILLINOISCAPACITOR-687FSB360XEH Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XGEH ILLINOISCAPACITOR-687FSB360XGEH Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
107FSL360XCE ILLINOISCAPACITOR-107FSL360XCE Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
107FSL450XCF ILLINOISCAPACITOR-107FSL450XCF Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
157FSL360XBP ILLINOISCAPACITOR-157FSL360XBP Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com