Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

567LMH200M2BD Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 567LMH200M2BD
Description  105C Long Life Snap mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

567LMH200M2BD Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  567LMH200M2BD Datasheet HTML 1Page - Illinois Capacitor, Inc. 567LMH200M2BD Datasheet HTML 2Page - Illinois Capacitor, Inc. 567LMH200M2BD Datasheet HTML 3Page - Illinois Capacitor, Inc. 567LMH200M2BD Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, Il 60712
● (847)675-1760● Fax (847) 675-2850 ● www.illcap.com
LMH
+105°C Long Life Snap mount
Aluminum Electrolytic Capacitors
Features
Standard case sizes
Multiple case sizes
Lead free leads
High ripple current
Applications
Bypass
Filtering
Coupling
De-coupling
Specifications
Operating Temperature
Range
-40°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
160
200
250
350
400
450
Surge
voltage
SVDC
200
250
300
400
450
500
WVDC
160
200
250
350
400
450
Dissipation
Factor
Tan
δ
.15
.15
.15
.15
.15
.15
5 Minutes
Leakage current
.02CV or 3000uA,Whichever is greater
WVDC
160
200
250
350
400
450
Low temperature stability
Impedance ratio (120 Hz)
-25°C to +20°C
4
4
4
6
6
6
2000 hours at 105°C with rated WVDC and ripple current applied
Capacitance change
<20% of initial measured value
Dissipation factor
<175% of maximum specified value
Load Life
Leakage current
<100% of maximum specified value
1000 hours at 85°C with no voltage applied
Capacitance change
<20% of initial measured value
Dissipation factor
<175% of maximum specified value
Shelf Life
Leakage current
<100% of maximum specified value
Frequency (Hz)
Temperature (°C)
60
120
400
1k
10k
+105
+85
+70
+60
+45
Ripple Current
Multipliers
.8
1.0
1.1
1.3
1.4
1
1.8
2
2.2
2.5


Similar Part No. - 567LMH200M2BD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
567LMH200MZBD ILLINOISCAPACITOR-567LMH200MZBD Datasheet
402Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
567LMH200MZBD ILLINOISCAPACITOR-567LMH200MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
567LMH200MZCC ILLINOISCAPACITOR-567LMH200MZCC Datasheet
402Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
567LMH200MZCC ILLINOISCAPACITOR-567LMH200MZCC Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 567LMH200M2BD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC_13 Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
logo
RFE international
VEU100M1ETR050057 RFE-VEU100M1ETR050057 Datasheet
88Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEU Series: Surface Mount Type,105C, Long Life
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
058059PLL-SI VISHAY-058059PLL-SI Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 08-Sep-17
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com