Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

227LBA400M2CF Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 227LBA400M2CF
Description  85C Snap-Mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227LBA400M2CF Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  227LBA400M2CF Datasheet HTML 1Page - Illinois Capacitor, Inc. 227LBA400M2CF Datasheet HTML 2Page - Illinois Capacitor, Inc. 227LBA400M2CF Datasheet HTML 3Page - Illinois Capacitor, Inc. 227LBA400M2CF Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LBA
+85°C Standard 2000 hrs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
47
450
476LBA450M2BC 5291.06
0.46
22x25
68
450
686LBA450M2CC 3657.05
0.6
22x25
100
350
107LBA350M2CC 3315.73
0.63
25x25
100
350
107LBA350M2BD 3315.73
0.65
22x30
100
400
107LBA400M2BD 3315.73
0.68
22x30
100
450
107LBA450M2BE 3315.73
0.77
22x35
100
500
107LBA500M2DC
2486.8
0.84
30x25
100
500
107LBA500M2BF
2486.8
0.85
22x40
100
500
107LBA500M2CD
2486.8
0.81
25x30
150
250
157LBA250M2CA 1105.24
0.85
25x20
150
350
157LBA350M2CD 1657.86
0.97
25x30
150
400
157LBA400M2BF 1657.86
0.94
22x40
150
400
157LBA400M2CD 1657.86
0.89
25x30
150
450
157LBA450M2CF 1657.86
1.08
25x40
150
500
157LBA500M2BH 1657.86
1.15
22x50
150
500
157LBA500M2CF 1657.86
1.12
25x40
150
500
157LBA500M2DE 1657.86
1.18
30x35
150
500
157LBA500M2ED 1657.86
1.22
35x30
220
160
227LBA160M2BA
753.58
1
22x20
220
200
227LBA200M2BC
753.58
1.14
22x25
220
200
227LBA200M2CA
753.58
1.1
25x20
220
250
227LBA250M2DA
753.58
1.1
30x20
220
250
227LBA250M2BD
753.58
1.2
22x30
220
250
227LBA250M2CC
753.58
1.15
25x25
220
350
227LBA350M2DD 1130.36
1.29
30x30
220
400
227LBA400M2BH 1130.36
1.26
22x50
220
400
227LBA400M2CF 1130.36
1.22
25x40
220
450
227LBA450M2DF 1130.36
1.44
30x40
220
500
227LBA500M2EE 1130.36
1.57
35x35
220
500
227LBA500M2DG 1130.36
1.59
30x45
220
500
227LBA500M2CH 1130.36
1.5
25x50
330
160
337LBA160M2BC
502.38
1.2
22x25
330
200
337LBA200M2BD
502.38
1.48
22x30
330
200
337LBA200M2CC
502.38
1.48
25x25
330
250
337LBA250M2CD
502.38
1.67
25x30
330
250
337LBA250M2BF
502.38
1.72
22x40
330
250
337LBA250M2DC
502.38
1.61
30x25
330
350
337LBA350M2DD 753.58
2.03
30x30
330
350
337LBA350M2DF
753.58
1.72
30x40
330
350
337LBA350M2ED
753.58
1.88
35x30
330
400
337LBA400M2DG
753.58
1.74
30x45
330
450
337LBA450M2EF
753.58
1.92
35x40
330
500
337LBA500M2EG
753.58
2.13
35x45
470
160
477LBA160M2CC
352.74
1.52
25x25
470
200
477LBA200M2BF
352.74
2.02
22x40
470
200
477LBA200M2CE
352.74
1.8
25x35
470
200
477LBA200M2DC
352.74
1.97
30x25
470
200
477LBA200M2CD
352.74
1.91
25x30
470
250
477LBA250M2BH
352.74
2.08
22x50
470
250
477LBA250M2CF
352.74
2.03
25x40
470
250
477LBA250M2DD 352.74
1.97
30x30
470
350
477LBA350M2EF
529.11
2.3
35x40
470
400
477LBA400M2EG
529.11
2.23
35x45
470
400
477LBA400M2FE
529.11
2.16
40x35
470
450
477LBA450M2EH
529.11
2.5
35x50
560
200
567LBA200M2CE
296.05
2.22
25x35
560
250
567LBA250M2DE
296.05
2.3
30x35
680
100
687LBA100M2BC
365.71
1.85
22x25
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
680
160
687LBA160M2DC
243.8
2.1
30x25
680
200
687LBA200M2CF
243.8
2.43
25x40
680
200
687LBA200M2EC
365.71
2.3
35x25
680
250
687LBA250M2DE
243.8
2.4
30x35
680
250
687LBA250M2DF
243.8
2.55
30x40
680
250
687LBA250M2ED
365.71
2.48
35x30
820
200
827LBA200M2DF
202.18
2.85
30x40
820
250
827LBA250M2DG
202.18
2.9
30x45
820
250
827LBA250M2EE
303.27
2.83
35x35
820
400
827LBA400M2EH
0.3033
4
35x50
1000
80
108LBA080M2BC
248.68
1.65
22x25
1000
100
108LBA100M2CC
248.68
2.03
25x25
1000
100
108LBA100M2BE
248.68
2.08
22x35
1000
160
108LBA160M2EC
248.68
2.8
35x25
1000
160
108LBA160M2DD 165.79
2.8
30x30
1000
160
108LBA160M2DE
165.79
2.77
30x35
1000
200
108LBA200M2DG
166.79
3.42
30x45
1000
200
108LBA200M2EE
248.68
3.35
35x35
1000
200
108LBA200M2ED
248.68
3.42
35x30
1000
250
108LBA250M2EF
248.68
3.58
35x40
1000
250
108LBA250M2DG
165.79
3
30x45
1000
250
108LBA250M2DH 165.79
3.65
30x50
1200
160
128LBA160M2DE
138.16
3.2
30x35
1200
160
128LBA160M2ED
207.23
3.2
35x30
1200
200
128LBA200M2DG
138.16
3.4
30x45
1200
200
128LBA200M2EE
207.23
3.54
35x35
1200
200
128LBA200M2DH 138.16
3.4
30x50
1200
200
128LBA200M2EF
207.23
3.47
35x40
1200
250
128LBA250M2EG
207.23
3.5
35x45
1500
63
158LBA063M2BC
165.79
2
22x25
1500
80
158LBA080M2CC
165.79
2.15
25x25
1500
100
158LBA100M2CE
165.79
2.76
25x35
1500
160
158LBA160M2EE
165.79
3.48
35x35
1500
200
158LBA200M2DG
165.79
3.75
30x45
1500
200
158LBA200M2EG
165.79
4.1
35x45
1500
200
158LBA200M2EF
165.79
3.8
35x40
1500
250
158LBA250M2EH
165.79
4
35x50
1800
160
188LBA160M2DH
92.1
4.1
30x50
1800
160
188LBA160M2EF
138.16
4.1
35x40
1800
200
188LBA200M2EG
138.16
4.2
35x45
1800
200
188LBA200M2EH
138.16
4.38
35x50
2200
35
228LBA035M2CA
188.39
1.7
25x20
2200
50
228LBA050M2BC
150.72
2
22x25
2200
63
228LBA063M2CC
113.04
2.3
25x25
2200
80
228LBA080M2BF
113.04
2.71
22x40
2200
80
228LBA080M2CE
113.04
2.66
25x35
2200
100
228LBA100M2CG
113.04
3.41
25x45
2200
100
228LBA100M2DE
113.04
3.35
30x35
2200
100
228LBA100M2ED
113.04
3.28
35x30
2200
160
228LBA160M2EH
113.04
4.97
35x50
2200
160
228LBA160M4FF
113.04
4.57
40x40
2200
200
228LBA200M2EH
113.04
4.7
35x50
3300
35
338LBA035M2BC
125.6
2.2
22x25
3300
50
338LBA050M2CC
100.48
2.35
25x25
3300
50
338LBA050M2BD
100.48
2.4
22x30
3300
50
338LBA050M2BC
401.9
1.8
22x25
3300
63
338LBA063M2CE
75.358
2.81
25x35
3300
80
338LBA080M2CG
75.358
3.41
25x45


Similar Part No. - 227LBA400M2CF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227LBA400M2CF ILLINOISCAPACITOR-227LBA400M2CF Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
More results

Similar Description - 227LBA400M2CF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_13 Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
logo
RFE international
LS2101M2G220300 RFE-LS2101M2G220300 Datasheet
190Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS LS2 Series: Snap-In, Fail Safe, 85C
logo
Illinois Capacitor, Inc...
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC_13 Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
logo
TDK Electronics
B43509 TDK-B43509 Datasheet
621Kb / 20P
   Aluminum electrolytic capacitors Snap-in capacitors
logo
EPCOS
B43508 EPCOS-B43508 Datasheet
1,022Kb / 17P
   Aluminum electrolytic capacitors Snap-in capacitors
logo
TDK Electronics
B41252 TDK-B41252 Datasheet
377Kb / 24P
   Aluminum electrolytic capacitors Snap-in capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com