Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

157LMB450M2CF Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 157LMB450M2CF
Description  105C 3000 hour Snap mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

157LMB450M2CF Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  157LMB450M2CF Datasheet HTML 1Page - Illinois Capacitor, Inc. 157LMB450M2CF Datasheet HTML 2Page - Illinois Capacitor, Inc. 157LMB450M2CF Datasheet HTML 3Page - Illinois Capacitor, Inc. 157LMB450M2CF Datasheet HTML 4Page - Illinois Capacitor, Inc. 157LMB450M2CF Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LMB
+105°C, Extended life, 3000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
10000
50
109LMB050M2DG
58.03
4.04
30x45
10000
50
109LMB050M2EF
58.03
4.02
35x40
10000
63
109LMB063M2EH
58.03
4.64
35x50
15000
16
159LMB016M2CE
55.26
2.6
25x35
15000
16
159LMB016M2ED
55.26
2.36
35x30
15000
25
159LMB025M2CG
44.21
3.25
25x45
15000
25
159LMB025M2DE
44.21
3.1
30x35
15000
25
159LMB025M2ED
44.21
3.25
35x30
15000
35
159LMB035M2DG
38.68
3.7
30x45
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
15000
35
159LMB035M2EF
38.68
3.65
35x40
15000
50
159LMB050M2EH
38.68
4.73
35x50
22000
16
229LMB016M2ED
37.68
3.2
35x30
22000
16
229LMB016M2DE
37.68
3.35
30x35
22000
25
229LMB025M2DG
30.14
2.44
30x45
22000
25
229LMB025M2EE
30.14
3.95
35x35
33000
16
339LMB016M2EE
25.12
4.21
35x35
33000
25
339LMB025M2EH
20.1
5.47
35x50


Similar Part No. - 157LMB450M2CF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
157LMB450M2CF ILLINOISCAPACITOR-157LMB450M2CF Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
157LMB450M2CF ILLINOISCAPACITOR-157LMB450M2CF Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
157LMB450M2CF ILLINOISCAPACITOR-157LMB450M2CF Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 157LMB450M2CF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC_13 Datasheet
452Kb / 4P
   105C 5000 hour Snap mount Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC Datasheet
239Kb / 4P
   105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC_13 Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_13 Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC_13 Datasheet
467Kb / 4P
   85C Snap-Mount Aluminum Electrolytic Capacitors
104SMH050M ILLINOISCAPACITOR-104SMH050M_13 Datasheet
200Kb / 2P
   105C General Purpose Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com