Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

336KFM450MRV Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 336KFM450MRV
Description  Radial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

336KFM450MRV Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  336KFM450MRV Datasheet HTML 1Page - Illinois Capacitor, Inc. 336KFM450MRV Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
High temperature - High voltage Long Life (10k Hrs)
APPLICATIONS
Switching Power Supplies Electronic Ballasts
Operating Temperature Range
-40°C to +105°C (160 to 400 WVDC)
-25°C to +105°C (450 WVDC)
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
160
200
250
350
400
450
Surge voltage
SVDC
200
250
300
400
450
500
WVDC
160
200
250
350
400
450
Dissipation Factor
120 Hz, 20°C
tan
δ
.15
.15
.15
.24
.24
.24
.06CV+10uA
Leakage current
2 Minutes
Rated WVDC
160 to 250
350 to 400
450
-25°C to +20°C
3
6
6
Low temperature stability
Impedance ratio
(120 Hz)
-40°C to +20°C
4
6
-
10000 hours (8000 hours D=10mm) with rated voltage applied at 105°C
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Load Life
Leakage current
>100% of maximum specified value
1000 hours at 105°C with no voltage applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Shelf Life
Leakage current
>100% of maximum specified value
Frequency (Hz)
Temperature (°C)
120
1k
10k
100k
65
75
85
95
105
Ripple Current Multipliers
0.5
0.8
0.9
1.0
1.8
1.65
1.5
1.25
1.0
Lead spacing VS. Case diameter
D
10
12.5
16
S
5.0
5.0
7.5
d
0.6
0.6
0.8
B
1.5
1.5
1.5
L1=L+1.5mm Max
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - 336KFM450MRV

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
336KFM450MRV ILLINOISCAPACITOR-336KFM450MRV Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
336KFM450MRV ILLINOISCAPACITOR-336KFM450MRV Datasheet
201Kb / 4P
   High temperature - High voltage ??Long Life (10k Hrs)
336KFM450MRV ILLINOISCAPACITOR-336KFM450MRV Datasheet
133Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 336KFM450MRV

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLJ100M6.3X11 RUBYCON-35ZLJ100M6.3X11 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63YXF47MEFC8X11.5 RUBYCON-63YXF47MEFC8X11.5 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com