Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G06DRLRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC1G06DRLRG4
Description  SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G06DRLRG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1G06DRLRG4 Datasheet HTML 1Page - Texas Instruments SN74LVC1G06DRLRG4 Datasheet HTML 2Page - Texas Instruments SN74LVC1G06DRLRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC1G06DRLRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC1G06DRLRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC1G06DRLRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC1G06DRLRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G06DRLRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G06DRLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
A
Y
2
4
A
Y
2
4
SN74LVC1G06
SCES295V – JUNE 2000 – REVISED NOVEMBER 2012
www.ti.com
DESCRIPTION/ORDERING INFORMATION
This single inverter buffer/driver is designed for 1.65-V to 5.5-V VCC operation.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
The output of the SN74LVC1G06 device is open drain and can be connected to other open-drain outputs to
implement active-low wired-OR or active-high wired-AND functions. The maximum sink current is 32 mA.
This device is fully specified for partial-power-down applications using Ioff.The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74LVC1G06YZPR
_ _ _CT_
0.23-mm Large Bump – YZP (Pb-free)
NanoFree™ – WCSP (DSBGA)
_ _ _ _
Reel of 3000
SN74LVC1G06YZVR
0.23-mm Large Bump – YZV (Pb-free)
CT
Reel of 3000
SN74LVC1G06DBVR
SOT (SOT-23) – DBV
C06_
Reel of 250
SN74LVC1G06DBVT
Reel of 3000
SN74LVC1G06DCKR
–40°C to 85°C
Reel of 250
SN74LVC1G06DCKT
SOT (SC-70) – DCK
CT_
Jumbo Tube of
SN74LVC1G06DCKJ
10000
SOT (SOT-553) – DRL
Reel of 4000
SN74LVC1G06DRLR
CT_
µQFN – DSF
Reel of 5000
SN74LVC1G06DSFR
CT
QFN – DRY
Reel of 5000
SN74LVC1G06DRYR
CT
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
YZV: The actual top-side marking is on two lines. Line 1 has four characters to denote year, month, day, and assembly/test site. Line 2
has two characters which show the family and function code. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
Table 3. FUNCTION TABLE
INPUT
OUTPUT
A
Y
H
L
L
Z
LOGIC DIAGRAM (POSITIVE LOGIC)
DBV, DCK, DSF, DRY, DRL, and YZP PACKAGE
YZV PACKAGE
2
Submit Documentation Feedback
Copyright © 2000–2012, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G06


Similar Part No. - SN74LVC1G06DRLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G06DRLR TI-SN74LVC1G06DRLR Datasheet
674Kb / 17P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06DRLR TI1-SN74LVC1G06DRLR Datasheet
1Mb / 30P
[Old version datasheet]   Single Inverter Buffer/Driver
SN74LVC1G06DRLR TI1-SN74LVC1G06DRLR Datasheet
1Mb / 41P
[Old version datasheet]   Single Inverter Buffer/Driver With Open-Drain Output
More results

Similar Description - SN74LVC1G06DRLRG4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G06 DIODES-74LVCE1G06 Datasheet
220Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G06 TI-SN74AUC1G06 Datasheet
332Kb / 13P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06 TI-SN74LVC1G06_08 Datasheet
674Kb / 17P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC1G06 TI-SN74AUC1G06_09 Datasheet
508Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74LVC1G06 DIODES-74LVC1G06 Datasheet
216Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 1 - 2
74LVC1G06_1010 DIODES-74LVC1G06_1010 Datasheet
247Kb / 13P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G06-EP TI-SN74LVC1G06-EP Datasheet
142Kb / 7P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06 TI-SN74LVC1G06 Datasheet
306Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74LVCE1G06_1012 DIODES-74LVCE1G06_1012 Datasheet
248Kb / 13P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G06 TI1-SN74LVC1G06_18 Datasheet
1Mb / 41P
[Old version datasheet]   Single Inverter Buffer/Driver With Open-Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com