Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA0211DGNG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0211DGNG4
Description  2-W MONO AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0211DGNG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPA0211DGNG4 Datasheet HTML 1Page - Texas Instruments TPA0211DGNG4 Datasheet HTML 2Page - Texas Instruments TPA0211DGNG4 Datasheet HTML 3Page - Texas Instruments TPA0211DGNG4 Datasheet HTML 4Page - Texas Instruments TPA0211DGNG4 Datasheet HTML 5Page - Texas Instruments TPA0211DGNG4 Datasheet HTML 6Page - Texas Instruments TPA0211DGNG4 Datasheet HTML 7Page - Texas Instruments TPA0211DGNG4 Datasheet HTML 8Page - Texas Instruments TPA0211DGNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TPA0211
2-W MONO AUDIO POWER AMPLIFIER
SLOS275D – JANUARY 2000 – REVISED NOVEMBER 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Ideal for Wireless Communicators,
Notebook PCs, PDAs, and Other Small
Portable Audio Devices
D 2 W Into 4 Ω From 5-V Supply
D 0.6 W Into 4 Ω From 3-V Supply
D Wide Power Supply Compatibility
3 V to 5 V
D Low Supply Current
– 4 mA Typical at 5 V
– 4 mA Typical at 3 V
D Shutdown Control ... 1 µA Typical
D Shutdown Pin Is TTL Compatible
D –40°C to 85°C Operating Temperature
Range
D Space-Saving, Thermally-Enhanced MSOP
Packaging
description
The TPA0211 is a 2-W mono bridge-tied-load (BTL) amplifier designed to drive speakers with as low as 4-
impedance. The device is ideal for small wireless communicators, notebook PCs, PDAs, anyplace a mono
speaker and stereo headphones are required. From a 5-V supply, the TPA0211 can deliver 2 W of power into
a 4-
Ω speaker.
The gain of the input stage is set by the user-selected input resistor and a 50-k
Ω internal feedback resistor
(AV = – RF/RI). The power stage is internally configured with a gain of –1.25 V/V in SE mode, and –2.5 V/V in
BTL mode. Thus, the overall gain of the amplifier is –62.5 k
Ω/ RI in SE mode and –125 kΩ/RI in BTL mode. The
input terminals are high-impedance CMOS inputs, and can be used as summing nodes.
The TPA0211 is available in the 8-pin thermally-enhanced MSOP package (DGN) and operates over an ambient
temperature range of –40
°C to 85°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
MSOP
TA
MSOP†
(DGN)
MSOP
SYMBOLIZATION
–40
°C to 85°C
TPA0211DGN
AEG
† The DGN package are available taped and reeled. To order a taped and reeled part, add the
suffix R to the part number (e.g., TPA0211DGNR).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
IN
SHUTDOWN
VDD
BYPASS
VO–
GND
SE/BTL
VO+
DGN PACKAGE
(TOP VIEW)


Similar Part No. - TPA0211DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0211DGNG4 TI-TPA0211DGNG4 Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA0211DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_07 Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com