Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6455BZTZ7 Datasheet(PDF) 74 Page - Texas Instruments

Part # TMS320C6455BZTZ7
Description  TMS320C6455 Fixed-Point Digital Signal Processor
Download  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6455BZTZ7 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMS320C6455BZTZ7 Datasheet HTML 70Page - Texas Instruments TMS320C6455BZTZ7 Datasheet HTML 71Page - Texas Instruments TMS320C6455BZTZ7 Datasheet HTML 72Page - Texas Instruments TMS320C6455BZTZ7 Datasheet HTML 73Page - Texas Instruments TMS320C6455BZTZ7 Datasheet HTML 74Page - Texas Instruments TMS320C6455BZTZ7 Datasheet HTML 75Page - Texas Instruments TMS320C6455BZTZ7 Datasheet HTML 76Page - Texas Instruments TMS320C6455BZTZ7 Datasheet HTML 77Page - Texas Instruments TMS320C6455BZTZ7 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 256 page
background image
TMS320C6455
SPRS276M – MAY 2005 – REVISED MARCH 2012
www.ti.com
3.7
Pullup/Pulldown Resistors
Proper board design should ensure that input pins to the C6455 device always be at a valid logic level and
not floating. This may be achieved via pullup/pulldown resistors. The C6455 device features internal pullup
(IPU) and internal pulldown (IPD) resistors on most pins to eliminate the need, unless otherwise noted, for
external pullup/pulldown resistors.
An external pullup/pulldown resistor needs to be used in the following situations:
Device Configuration Pins: If the pin is both routed out and 3-stated (not driven), an external
pullup/pulldown resistor must be used, even if the IPU/IPD matches the desired value/state.
Other Input Pins: If the IPU/IPD does not match the desired value/state, use an external
pullup/pulldown resistor to pull the signal to the opposite rail.
For the device configuration pins (listed in Table 3-1), if they are both routed out and 3-stated (not driven),
it is strongly recommended that an external pullup/pulldown resistor be implemented. Although, internal
pullup/pulldown resistors exist on these pins and they may match the desired configuration value,
providing external connectivity can help ensure that valid logic levels are latched on these device
configuration pins. In addition, applying external pullup/pulldown resistors on the device configuration pins
adds convenience to the user in debugging and flexibility in switching operating modes.
Tips for choosing an external pullup/pulldown resistor:
Consider the total amount of current that may pass through the pullup or pulldown resistor. Make sure
to include the leakage currents of all the devices connected to the net, as well as any internal pullup or
pulldown resistors.
Decide a target value for the net. For a pulldown resistor, this should be below the lowest VIL level of
all inputs connected to the net. For a pullup resistor, this should be above the highest VIH level of all
inputs on the net. A reasonable choice would be to target the VOL or VOH levels for the logic family of
the limiting device; which, by definition, have margin to the VIL and VIH levels.
Select a pullup/pulldown resistor with the largest possible value; but, which can still ensure that the net
will reach the target pulled value when maximum current from all devices on the net is flowing through
the resistor. The current to be considered includes leakage current plus, any other internal and
external pullup/pulldown resistors on the net.
For bidirectional nets, there is an additional consideration which sets a lower limit on the resistance
value of the external resistor. Verify that the resistance is small enough that the weakest output buffer
can drive the net to the opposite logic level (including margin).
Remember to include tolerances when selecting the resistor value.
For pullup resistors, also remember to include tolerances on the DVDD rail.
For most systems, a 1-k
Ω resistor can be used to oppose the IPU/IPD while meeting the above criteria.
Users should confirm this resistor value is correct for their specific application.
For most systems, a 20-k
Ω resistor can be used to compliment the IPU/IPD on the device configuration
pins while meeting the above criteria. Users should confirm this resistor value is correct for their specific
application.
For more detailed information on input current (II), and the low-/high-level input voltages (VIL and VIH) for
the C6455 device, see Section 6.3, Electrical Characteristics Over Recommended Ranges of Supply
Voltage and Operating Case Temperature.
To determine which pins on the C6455 device include internal pullup/pulldown resistors, see Table 2-3,
Terminal Functions.
3.8
Configuration Examples
Figure 3-12 and Figure 3-13 illustrate examples of peripheral selections/options that are configurable on
the C6455 device.
74
Device Configuration
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6455


Similar Part No. - TMS320C6455BZTZ7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455BZTZ7 TI-TMS320C6455BZTZ7 Datasheet
1Mb / 250P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6455BZTZ7 TI-TMS320C6455BZTZ7 Datasheet
1Mb / 257P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C6455BZTZ7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI-TMS320C6455_15 Datasheet
1Mb / 257P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
TMS320C6455 TI1-TMS320C6455_V01 Datasheet
1Mb / 256P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
REVISED MARCH 2012
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com