Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS23770PWP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23770PWP
Description  INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23770PWP Datasheet(HTML) 4 Page - Texas Instruments

  TPS23770PWP Datasheet HTML 1Page - Texas Instruments TPS23770PWP Datasheet HTML 2Page - Texas Instruments TPS23770PWP Datasheet HTML 3Page - Texas Instruments TPS23770PWP Datasheet HTML 4Page - Texas Instruments TPS23770PWP Datasheet HTML 5Page - Texas Instruments TPS23770PWP Datasheet HTML 6Page - Texas Instruments TPS23770PWP Datasheet HTML 7Page - Texas Instruments TPS23770PWP Datasheet HTML 8Page - Texas Instruments TPS23770PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DC/DC CONTROLLER SECTION
TPS23750
TPS23770
SLVS590B – JULY 2005 – REVISED FEBRUARY 2008
Characteristics are for: –40
°C ≤ T
J ≤ 125°C; VDD – VSS = 48 V. VDD, CLASS, and DET referenced to VSS, and all
other pin voltages are referenced to RSN, COM, and RTN shorted together unless otherwise noted.
SEN=MODE=BL=RSP=RTN, FB=VBIAS, SENP=VDD, CTMR = 1000 pF, CVBIAS = 0.1 µF, CVAUX = 0.1 µF,
RFREQ = 150 kΩ, RDET = 24.9 kΩ, RCLASS = 255 Ω, GATE is unloaded, and VBIAS and AUX have no external loads
unless otherwise noted.
RTN = VSS for this section only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BIAS SUPPLY (VBIAS)
VBIAS
Output voltage
0
≤ ILOAD ≤ 5 mA
4.60
5.1
5.5
V
AUX SUPPLY (AUX)
VAUX
Supply output voltage
18 V
≤ VVDD – COM ≤ 57 V, 0 mA ≤ IAUX ≤ 10 mA
9
10
11
V
Current limit
VAUX = 0 V
12
23.5
28
mA
OSCILLATOR (FREQ)
RFREQ = 30 kΩ, VCOMP = 3.9 V, MODE = VBIAS, Measure GATE
48.8
49.2
49.5
%
DMAX
Maximum duty cycle
voltage at 50% rising to 50% falling
MODE = VBIAS, VCOMP = 3 V, Measure at GATE
fOSC
Oscillator frequency
RFREQ = 30 kΩ
435
487
565
kHz
RFREQ = 150 kΩ
90
100
110
ERROR AMPLIFIER (FB, COMP)
COMP source current
0
≤ VCOMP ≤ 4 V, FB = RTN, VTMR = 2.5 V
2.5
mA
COMP sink current
1.2 V
≤ VCOMP ≤ VBIAS, VTMR = 2.5 V
2.4
mA
VREF
FB regulation voltage
VCOMP = 2.5 V, VTMR = 2.5 V
1.47
1.50
1.53
V
Open loop voltage gain
1.2 V
≤ VCOMP ≤ 4 V, VTMR = 2.5 V
80
dB
Small signal unity gain bandwidth
VCOMP = 2.5 V, VTMR = 2.5 V
1.5
2
MHz
COMP input resistance
MODE = VBIAS, 1.1 ≤ VCOMP ≤ 4.4, VTMR = 2.5 V
70
100
130
k
FB leakage (source or sink)
0
≤ VFB ≤ VBIAS, VTMR = 2.5 V
1
µA
SOFT START TIMER (TMR)
Source current
TMR charging, VTMR between lower threshold and clamp
38
50
62
µA
Ratio of source/sink current
9
10
11
-
ON duty cycle
MODE = VBIAS, VCOMP = 4.4 V, Second cycle and beyond
8
9.1
10
%
CURRENT SENSE (RSP, RSN, BL)
MODE = VBIAS, VCOMP = 4.2 V, VTMR = 2.5 V, Increase
0.46
0.5
0.54
V
Current limit threshold
VRSP-RSN until the duty cycle switches from 50% to the minimum
MODE = VBIAS, VCOMP = 4.2 V, VTMR = 2.5 V, Increase
0.70
0.765
0.83
V
Fault current threshold
VRSP-RSN until no gate pulses occur
VRSP – RSN = 0.6 V, VAUX = 12 V, MODE = VBIAS, VCOMP = 4.2 V,
VTMR = 2.5 V. Measure 50% of VGATE ↑ to 50% VGATE
Minimum propagation delay, BL floating
40
60
90
tBLNK
Current limit delay
ns
Blanking period (pulse width above minimum), BL connected to
45
70
95
RSN
Blanking period (pulse width above minimum), BL connected to
70
105
140
VBIAS
FREQ = VBIAS, MODE = VBIAS, VCOMP = 4 V,
RSP current
2.5
4
8
µA
VRSP-RSN = 0.4 V, IRSP sourcing
GATE DRIVER (GATE)
5 mA source, VAUX = 12 V
11.9
Output voltage swing
V
5 mA sink, VAUX = 12 V
0.05
Peak source current
VAUX = 12 V, pulse test
0.33
0.58
0.8
A
Peak sink current
VAUX = 12 V, AC test or pulse test with TMR = RSN
0.7
1.0
1.3
A
VOLTAGE TRANSLATOR (SEN, SENP)
VTMR = 2.5 V, Measure with servo loop that includes the error
(SENP - SEN) regulation voltage
1.456
1.492
1.526
V
amplifier
4
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS23750 TPS23770


Similar Part No. - TPS23770PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23770PWP TI-TPS23770PWP Datasheet
2Mb / 38P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
TPS23770PWPR TI-TPS23770PWPR Datasheet
2Mb / 38P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
More results

Similar Description - TPS23770PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23750 TI-TPS23750 Datasheet
2Mb / 38P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
logo
Kinetic Technologies.
KTA1136 KINETIC-KTA1136 Datasheet
1Mb / 22P
   IEEE 802.3af PoE PD with Integrated DC-DC Controller and 13W Power FET
January 2021 - Revision 04a
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
Silicon Laboratories
SI3460 SILABS-SI3460 Datasheet
435Kb / 22P
   IEEE 802.3af PSE INTERFACE AND DC-DC CONTROLLER
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
Texas Instruments
TPS2376-H TI-TPS2376-H Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com