Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54373PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54373PWPR
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54373PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS54373PWPR Datasheet HTML 1Page - Texas Instruments TPS54373PWPR Datasheet HTML 2Page - Texas Instruments TPS54373PWPR Datasheet HTML 3Page - Texas Instruments TPS54373PWPR Datasheet HTML 4Page - Texas Instruments TPS54373PWPR Datasheet HTML 5Page - Texas Instruments TPS54373PWPR Datasheet HTML 6Page - Texas Instruments TPS54373PWPR Datasheet HTML 7Page - Texas Instruments TPS54373PWPR Datasheet HTML 8Page - Texas Instruments TPS54373PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TPS54373
SLVS455B − JANUARY 2003 − REVISED FEBRUARY 2005
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
OUTPUT VOLTAGE
PACKAGE
PART NUMBER
−40°C to 85°C
Adjustable down to 0.9 V
Plastic HTSSOP (PWP)(1)
TPS54373PWP
(1) The PWP package is also available taped and reeled. Add an R suffix to the device type (i.e., TPS54373PWPR). See the application section of
the data sheet for PowerPAD drawing and layout information.
(2) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website
at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
TPS54373
VIN, SS/ENA, SYNC
−0.3 V to 7 V
Input voltage range V
RT
−0.3 V to 6 V
Input voltage range, VI
VSENSE
−0.3 V to 4V
BOOT
−0.3 V to 17 V
Output voltage range V
VBIAS, COMP, PWRGD
−0.3 V to 7 V
Output voltage range, VO
PH
−0.6 V to 10 V
Source current I
PH
Internally limited
Source current, IO
COMP, VBIAS
6 mA
PH
6 A
Sink current, IS
COMP
6 mA
Sink current, IS
SS/ENA, PWRGD
10 mA
Voltage differential
AGND to PGND
±0.3 V
Operating virtual junction temperature range, TJ
−40°C to 125°C
Storage temperature, Tstg
−65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN NOM MAX UNIT
Input voltage, VI
3
6
V
Operating junction temperature, TJ
−40
125
°C
DISSIPATION RATINGS(1)(2)
PACKAGE
THERMAL IMPEDANCE
JUNCTION-TO-AMBIENT
TA =25°C
POWER RATING
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
20-Pin PWP with solder
26 °C/W
3.85 W(3)
2.12 W
1.54 W
20-Pin PWP without solder
57.5 °C/W
1.73 W
0.96 W
0.69 W
(1) For more information on the PWP package, see TI technical brief, literature number SLMA002.
(2) Test board conditions:
1. 3-inch x 3-inch, 2 layers, thickness: 0.062-inch
2. 1.5-oz. copper traces located on the top of the PCB
3. 1.5-oz. copper ground plane on the bottom of the PCB
4. 10 thermal vias (see “Recommended Land Pattern” in applications section of this data sheet)
(3) Maximum power dissipation may be limited by overcurrent protection.


Similar Part No. - TPS54373PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54373PWP TI-TPS54373PWP Datasheet
259Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT,3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
More results

Similar Description - TPS54373PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54673 TI1-TPS54673_16 Datasheet
671Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54610PWPG4 TI-TPS54610PWPG4 Datasheet
976Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com