Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS23770PWPRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS23770PWPRG4
Description  INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23770PWPRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS23770PWPRG4 Datasheet HTML 1Page - Texas Instruments TPS23770PWPRG4 Datasheet HTML 2Page - Texas Instruments TPS23770PWPRG4 Datasheet HTML 3Page - Texas Instruments TPS23770PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS23770PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS23770PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS23770PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS23770PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS23770PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
TPS23750
TPS23770
SLVS590B – JULY 2005 – REVISED FEBRUARY 2008
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
UVLO THRESHOLDS
PACKAGE(2)
TA
MARKING
TYPE
LOW
HIGH
TSSOP-20 PowerPAD™
Standard
30.5 V
39.3 V
TPS23750PWP
TPS23750
–40
°C to 85°C
Legacy
30.5 V
35.1 V
TPS23770PWP
TPS23770
(1)
Add an R suffix to the device type for tape and reel.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
over operating free-air temperature range and with respect to VSS unless otherwise noted
(1)
UNIT
Input voltage range(2)
RSN, COM, RTN, SEN
–0.7 V to 100 V
Input voltage range
AUX, VDD, DET, SENP
–0.3 V to 100 V
Input voltage range(3)
[VBIAS, BL, TMR, FB, COMP, FREQ, RSP, MODE] to RTN
–0.3 V to 6.5 V
Input voltage range
[GATE or AUX] to COM
–0.3 V to 20 V
Input voltage range
[RSN to RTN] and [COM to RTN]
–0.3 V to 0.3 V
SENP to SEN
–0.3 V to 100 V
Input voltage range(3)
CLASS
–0.3 V to 12 V
Sourcing current
AUX
Internally limited
VBIAS
Sourcing current
Internally limited
Sourcing or sinking current, COMP
Internally limited
Average sourcing or sinking current, GATE
25 mArms
HBM ESD rating
2 kV
ESD – system level (contact/air) at RJ-45 (4)
8 kV / 15 kV
Continuous total power dissipation
See Dissipation Rating Table
TJ
Maximum operating junction temperature
Internally limited
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature 1.6mm (1/16-inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
IRTN = 0 for VRTN > 80 V. Maximum IRTN = 500 mA at 80 V.
(3)
Do not apply external voltage sources to CLASS, DET, GATE, FREQ, VBIAS, and TMR.
(4)
Surges applied to RJ-45 of TPS23750EVM-107 between pins of RJ-45, and between pins and output voltage rails per EN61000-4-2,
1999 with no device failure.
2
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS23750 TPS23770


Similar Part No. - TPS23770PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23770PWPR TI-TPS23770PWPR Datasheet
2Mb / 38P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
More results

Similar Description - TPS23770PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23750 TI-TPS23750 Datasheet
2Mb / 38P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
logo
Kinetic Technologies.
KTA1136 KINETIC-KTA1136 Datasheet
1Mb / 22P
   IEEE 802.3af PoE PD with Integrated DC-DC Controller and 13W Power FET
January 2021 - Revision 04a
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
Silicon Laboratories
SI3460 SILABS-SI3460 Datasheet
435Kb / 22P
   IEEE 802.3af PSE INTERFACE AND DC-DC CONTROLLER
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
Texas Instruments
TPS2376-H TI-TPS2376-H Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com