Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650531RGER Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650531RGER
Description  5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650531RGER Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS650531RGER Datasheet HTML 3Page - Texas Instruments TPS650531RGER Datasheet HTML 4Page - Texas Instruments TPS650531RGER Datasheet HTML 5Page - Texas Instruments TPS650531RGER Datasheet HTML 6Page - Texas Instruments TPS650531RGER Datasheet HTML 7Page - Texas Instruments TPS650531RGER Datasheet HTML 8Page - Texas Instruments TPS650531RGER Datasheet HTML 9Page - Texas Instruments TPS650531RGER Datasheet HTML 10Page - Texas Instruments TPS650531RGER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TYPICAL CHARACTERISTICS
Table of Graphs
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
1
10
I
− OutputCurrent
O
− A
0.1
3.4V
5V
4.2V
3.8V
V
=3.3V
T =25 C
PWM/PFMMode
O
A
o
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
1
10
I
− OutputCurrent
O
− A
0.1
V
=3.3V
T =25 C
PWMMode
O
A
o
3.8V
3.4V
5V
4.2V
TPS65053
TPS650531
TPS650532
www.ti.com ............................................................................................................................................. SLVS754C – MARCH 2007 – REVISED SEPTEMBER 2009
FIGURE
η
Efficiency converter 1
vs Load current PWM/PFM mode
1
η
Efficiency converter 1
vs Load current PWM mode
2
η
Efficiency converter 2
vs Load current PWM/PFM mode
3
η
Efficiency converter 2
vs Load current PWM mode
4
Output voltage ripple in PFM mode
Scope plot
5
Output voltage ripple in PWM mode
Scope plot
6
DCDC1, DCDC2, LDO1 startup timing
Scope plot
7
LDO1 to LDO3 startup timing
Scope plot
8
DCDC1 Load transient response in PWM mode
Scope plot
9
DCDC1 Load transient response in PFM mode
Scope plot
10
DCDC2 Load transient response in PWM mode
Scope plot
11
DCDC2 Load transient response in PFM mode
Scope plot
12
DCDC1 Line transient response in PWM mode
Scope plot
13
DCDC2 Line transient response in PWM mode
Scope plot
14
LDO1 Load transient response
Scope plot
15
LDO3 Load transient response
Scope plot
16
LDO1 Line transient response
Scope plot
17
LDO1 Power supply rejection ratio
vs frequency
18
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS65053 TPS650531 TPS650532


Similar Part No. - TPS650531RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650531RGET TI-TPS650531RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
More results

Similar Description - TPS650531RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65053 TI-TPS65053 Datasheet
899Kb / 29P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532 TI1-TPS650532 Datasheet
1,007Kb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650531RGET TI-TPS650531RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS65053-Q1 TI1-TPS65053-Q1 Datasheet
832Kb / 26P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS65050 TI-TPS65050 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050 TI-TPS65050_07 Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050-Q1 TI1-TPS65050-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
logo
Richtek Technology Corp...
RT9511 RICHTEK-RT9511 Datasheet
525Kb / 24P
   Fully Integrated Battery Charger with Two Step-Down Converters
RT9907 RICHTEK-RT9907 Datasheet
472Kb / 19P
   3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
RT9907 RICHTEK-RT9907_11 Datasheet
463Kb / 19P
   3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com