Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76927QDBVRG4Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76927QDBVRG4Q1
Description  Ultralow-Power 100-mA Low-Dropout Linear Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76927QDBVRG4Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS76927QDBVRG4Q1 Datasheet HTML 1Page - Texas Instruments TPS76927QDBVRG4Q1 Datasheet HTML 2Page - Texas Instruments TPS76927QDBVRG4Q1 Datasheet HTML 3Page - Texas Instruments TPS76927QDBVRG4Q1 Datasheet HTML 4Page - Texas Instruments TPS76927QDBVRG4Q1 Datasheet HTML 5Page - Texas Instruments TPS76927QDBVRG4Q1 Datasheet HTML 6Page - Texas Instruments TPS76927QDBVRG4Q1 Datasheet HTML 7Page - Texas Instruments TPS76927QDBVRG4Q1 Datasheet HTML 8Page - Texas Instruments TPS76927QDBVRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
O
lmax
O
V (V
(V
1V))
Line Reg. (mV)
(% / V)
1000
100
-
+
=
´
´
O
lmax
V (V
2.7 V)
Line Reg. (mV)
(% / V)
1000
100
-
=
´
´
TPS76901-Q1, TPS76912-Q1, TPS76915-Q1
TPS76918-Q1, TPS76925-Q1, TPS76927-Q1
TPS76928-Q1, TPS76930-Q1, TPS76933-Q1, TPS76950-Q1
SGLS118C – DECEMBER 2001 – REVISED JUNE 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range, VI = VO (typ) + 1 V, IO = 100 mA, EN = 0 V, Co = 4.7 µF (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.2 V
≤ VO ≤ 5.5 V, TJ = 25°C
VO
TPS76901-Q1
1.2 V
≤ VO ≤ 5.5 V, TJ = –40°C to 125°C
0.97 VO
1.03 VO
TJ = 25°C, 2.7 V < VIN < 10 V
1.224
TPS76912-Q1
TJ = –40°C to 125°C, 2.7 V < VIN < 10 V
1.187
1.261
TJ = 25°C, 2.7 V < VIN < 10 V
1.5
TPS76915-Q1
TJ = –40°C to 125°C, 2.7 V < VIN < 10 V
1.455
1.545
TJ = 25°C, 2.8 V < VIN < 10 V
1.8
TPS76918-Q1
TJ = –40°C to 125°C, 2.8 V < VIN < 10 V
1.746
1.854
TJ = 25°C, 3.5 V < VIN < 10 V
2.5
TPS76925-Q1
Output voltage
TJ = –40°C to 125°C, 3.5 V < VIN < 10 V
2.425
2.575
(10
∝A to 100 mA
V
TJ = 25°C, 3.7 V < VIN < 10 V
2.7
load)(1)
TPS76927-Q1
TJ = –40°C to 125°C, 3.7 V < VIN < 10 V
2.619
2.781
TJ = 25°C, 3.8 V < VIN < 10 V
2.8
TPS76928-Q1
TJ = –40°C to 125°C, 3.8 V < VIN < 10 V
2.716
2.884
TJ = 25°C, 4 V < VIN < 10 V
3
TPS76930-Q1
TJ = –40°C to 125°C, 4 V < VIN < 10 V
2.910
3.090
TJ = 25°C, 4.3 V < VIN < 10 V
3.3
TPS76933-Q1
TJ = –40°C to 125°C, 4.3 V < VIN < 10 V
3.201
3.399
TJ = 25°C, 6 V < VIN < 10 V
5
TPS76950-Q1
TJ = −40°C to 125°C, 6 V < VIN < 10 V
4.850
5.150
EN = 0 V, 0 mA < IO < 100 mA, TJ = 25°C
17
Quiescent current
µA
(GND current)(1)(2)
EN = 0 V, IO = 100 mA, TJ = –40°C to 125°C
28
Load regulation
EN = 0 V, IO = 0 to 100 mA, TJ = 25°C
12
mV
VO + 1 V < VI ≤ 10 V, TJ = 25°C
(1)
0.04
Output voltage line regulation
%/V
(
∆VO/VO)
(2)
VO + 1 V < VI ≤ 10 V, TJ = –40°C to 125°C
(1)
0.1
Output noise voltage
BW = 300 Hz to 50 kHz, Co = 10 ∝F, TJ = 25°C
190
µVrms
Output current limit
VO = 0 V
(1)
350
750
mA
EN = VI, 2.7 < VI < 10 V
1
µA
Standby current
TJ = −40°C to 125°C
2
µA
FB input current
FB = 1.224 V (TPS76901-Q1)
–1
1
µA
High level enable input voltage
2.7 V < VI < 10 V
1.7
V
Low level enable input voltage
2.7 V < VI < 10 V
0.9
V
Power supply ripple rejection
f = 1 kHz, Co = 10 ∝F, TJ = 25°C
60
dB
EN = 0 V
–1
0
1
µA
Input current (EN)
EN = VI
–1
1
µA
(1)
Minimum IN operating voltage is 2.7 V or VO (typ) + 1 V, whichever is greater. The maximum IN voltage is 10 V, minimum output current
is 10 µA, and maximum output current is 100 mA.
(2)
If VO ≤ 1.8 V then VImin = 2.7 V, VImax = 10 V:
If VO ≥ 2.5 V then VImin = VO + 1 V, VImax = 10 V:
4
Submit Documentation Feedback
Copyright © 2001–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS76901-Q1 TPS76912-Q1 TPS76915-Q1 TPS76918-Q1 TPS76925-Q1 TPS76927-Q1
TPS76928-Q1 TPS76930-Q1 TPS76933-Q1 TPS76950-Q1


Similar Part No. - TPS76927QDBVRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76927QDBVTQ1 TI-TPS76927QDBVTQ1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76927QDBVRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com