Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76928QDBVRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS76928QDBVRQ1
Description  Ultralow-Power 100-mA Low-Dropout Linear Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76928QDBVRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS76928QDBVRQ1 Datasheet HTML 1Page - Texas Instruments TPS76928QDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS76928QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS76928QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS76928QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS76928QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS76928QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS76928QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS76928QDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TA − Free-Air Temperature − °C
15
22
V I = 4.3 V
CO = 4.7 µF
60
21
20
19
18
17
16
IO = 0 mA
IO = 100 mA
80
100
120
140
40
20
0
−20
−40
−60
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
NC/FB
TPS76901-Q1, TPS76912-Q1, TPS76915-Q1
TPS76918-Q1, TPS76925-Q1, TPS76927-Q1
TPS76928-Q1, TPS76930-Q1, TPS76933-Q1, TPS76950-Q1
www.ti.com
SGLS118C – DECEMBER 2001 – REVISED JUNE 2012
Ultralow-Power 100-mA Low-Dropout Linear Regulators
Check for Samples: TPS76901-Q1, TPS76912-Q1, TPS76915-Q1, TPS76918-Q1, TPS76925-Q1, TPS76927-Q1, TPS76928-
Q1, TPS76930-Q1, TPS76933-Q1, TPS76950-Q1
1
FEATURES
Qualified for Automotive Applications
100-mA Low-Dropout Regulator
Available in 1.2-V, 1.5-V, 1.8-V, 2.5-V, 2.7-V, 2.8-
V, 3-V, 3.3-V and 5-V Fixed-Output and
Adjustable Versions
Only 17-µA Quiescent Current at 100 mA
1-µA Quiescent Current in Standby Mode
Dropout Voltage Typically 71 mV at 100 mA
Over Current Limitation
−40°C to 125°C Operating Junction
Temperature Range
5-Pin SOT-23 (DBV) Package
DESCRIPTION
The TPS769xx-Q1 family of low-dropout (LDO) voltage regulators offers the benefits of low-dropout voltage,
ultralow-power operation, and miniaturized packaging. These regulators feature low-dropout voltages and
ultralow quiescent current compared to conventional LDO regulators. Offered in a 5-pin small outline integrated-
circuit SOT-23 package, the TPS769xx-Q1 series devices are ideal for micropower operations and where board
space is at a premium.
A combination of new circuit design and process innovation has enabled the usual PNP pass transistor to be
replaced by a PMOS pass element. Because the PMOS pass element behaves as a low-value resistor, the
dropout voltage is very low, typically 71 mV at 100 mA of load current (TPS76950-Q1), and is directly
proportional to the load current. Since the PMOS pass element is a voltage-driven device, the quiescent current
is ultralow (28
μA maximum) and is stable over the entire range of output load current (0 mA to 100 mA). The
ultralow-dropout voltage feature and ultralow-power operation result in a significant increase in system battery
operating life, making this device suitable for use in automotive applications.
The TPS769xx-Q1 devices also feature a logic-enabled sleep mode to shut down the regulator, reducing
quiescent current to 1
μA typical at TJ = 25°C. The TPS769xx-Q1 devices are offered in 1.2-V, 1.5-V, 1.8-V, 2.5-
V, 2.7-V, 2.8-V, 3-V, 3.3-V, and 5-V fixed-voltage versions and in a variable version (programmable over the
range of 1.2 V to 5.5 V).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS76928QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76928QDBVTQ1 TI-TPS76928QDBVTQ1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76928QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com