Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8841JEHAZ Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8841JEHAZ
Description  600mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8841JEHAZ Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8841JEHAZ Datasheet HTML 1Page - Analog Microelectronics AME8841JEHAZ Datasheet HTML 2Page - Analog Microelectronics AME8841JEHAZ Datasheet HTML 3Page - Analog Microelectronics AME8841JEHAZ Datasheet HTML 4Page - Analog Microelectronics AME8841JEHAZ Datasheet HTML 5Page - Analog Microelectronics AME8841JEHAZ Datasheet HTML 6Page - Analog Microelectronics AME8841JEHAZ Datasheet HTML 7Page - Analog Microelectronics AME8841JEHAZ Datasheet HTML 8Page - Analog Microelectronics AME8841JEHAZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AME
1
AME8841
600mA CMOS LDO
Rev.H.02
n Typical Application
n Functional Block Diagram
l Very Low Dropout Voltage
l Guaranteed 600mA Output
l Accurate to within 1.5%
l 30
µA Quiescent Current
l Over-Temperature Shutdown
l Current Limiting
l Short Circuit Current Fold-back
l Power-Saving Shutdown Mode
l Space-Saving SOP-8 Package
l Many fixed output voltages available
l Low Temperature Coefficient
l All AME's Lead Free Products Meet RoHS
Standards
The AME8841 linear regulator features low quiescent
current (30
µA typ.) with low dropout voltage, making it
ideal for battery applications. The space-saving SOP-8
package is attractive for "Pocket? and "Hand Held" appli-
cations.
These rugged devices have both Thermal Shutdown,
and Current Fold-back to prevent device failure under the
"Worst" of operating conditions.
The AME8841 is stable with an output capacitance of
2.2
µF or greater.
l Instrumentation
l Portable Electronics
l Wireless Devices
l Cordless Phones
l PC Peripherals
l Battery Powered Widgets
l Electronic Scales
n General Description
n Features
n Applications
AMP
GND
OUT
IN
R1
R2
V
ref =1.215V
Overcurrent
Shutdown
Thermal
Shutdown
EN
AME8841
OUT
IN
C2
2.2
µF
C1
1
µF
GND
OUT
5V
EN
IN


Similar Part No. - AME8841JEHAZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8841JEHAZ AME-AME8841JEHAZ Datasheet
155Kb / 14P
   600mA CMOS LDO
More results

Similar Description - AME8841JEHAZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com