Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8863AEEY180L Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME8863AEEY180L
Description  600mA CMOS LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8863AEEY180L Datasheet(HTML) 5 Page - Analog Microelectronics

  AME8863AEEY180L Datasheet HTML 1Page - Analog Microelectronics AME8863AEEY180L Datasheet HTML 2Page - Analog Microelectronics AME8863AEEY180L Datasheet HTML 3Page - Analog Microelectronics AME8863AEEY180L Datasheet HTML 4Page - Analog Microelectronics AME8863AEEY180L Datasheet HTML 5Page - Analog Microelectronics AME8863AEEY180L Datasheet HTML 6Page - Analog Microelectronics AME8863AEEY180L Datasheet HTML 7Page - Analog Microelectronics AME8863AEEY180L Datasheet HTML 8Page - Analog Microelectronics AME8863AEEY180L Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AME
5
AME8863
600mA CMOS LDO
Rev.C.03
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note 1
6
V
Output Voltage Accuracy
VO
-1.5
1.5
%
1.4V<=VO(NOM)<=2.0
1400
Dropout Voltage
VDROPOUT
2.0V<VO(NOM)<=2.8V
800
2.8V<VO(NOM)
600
Output Current
IO
600
mA
Current Limit
ILIM
600
800
mA
Short Circuit Current
ISC
300
600
mA
Quiescent Current
IQ
30
50
µA
Ground Pin Current
IGND
35
µA
1.4V < VO <= 2.0V
-0.15
0.15
2.0V < VO < 4.0V
-0.1
0.02
0.1
Load Regulation
REGLOAD
0.2
1
%
Over Temerature Shutdown
OTS
150
oC
Over Temerature Hysterisis
OTH
30
oC
VO Temperature Coefficient
TC
30
ppm/
oC
f=1kHz
75
PSRR
f=10kHz
55
dB
f=100kHz
30
VEH
2.0
Vin
V
VEL
0
0.4
V
IEH
0.1
µA
IEL
0.5
µA
Shutdown Supply Current
ISD
0.5
1
µA
PG Leakage Current
ILC
1
µA
PG Voltage Rating
VPG
6
V
PG Voltage Low
VOL
0.4
V
%
ISINK=0.4mA
VO in regulation
VPG=6V
µVrms
EN Input Threshold
EN Input Bias Current
f=10Hz to 100kHz
IO=10mA
Co=2.2
µF
30
VIN=2.7V to 6V
Line Regulation
REGLINE
IO=1mA
VIN=VO+1 to VO+2
VIN=2.7V to 6V
IO=1mA to 600mA
VEN=0V, VIN=2.7V to 6V
VIN=5V, VO=0V, VEN<VEL
Power Supply Rejection
IO=100mA
CO=2.2µF
ceramic
Output Voltage Noise
eN
VEN=VIN, VIN=2.7V to 6V
VO<0.8V
IO=0mA
IO=1mA to 600mA
See
chart
IO=600mA
VO=VO(NOM) -2.0%
VO>1.2V
mV
VO>1.2V
Test Condition
IO=1mA
n Electrical Specifications
T
A = 25
OC unless otherwise noted
Note1:V
IN(min) =VOUT+VDROPOUT
Note2: To prevent the Short Circuit Current protection feature from being prematurely activated, the input voltage must be
applied before a current source load is applied.


Similar Part No. - AME8863AEEY180L

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8863AEEY180L AKM-AME8863AEEY180L Datasheet
108Kb / 12P
   600mA CMOS LDO
More results

Similar Description - AME8863AEEY180L

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com