Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA378R12C Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # KA378R12C
Description  Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA378R12C Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA378R12C Datasheet HTML 1Page - Fairchild Semiconductor KA378R12C Datasheet HTML 2Page - Fairchild Semiconductor KA378R12C Datasheet HTML 3Page - Fairchild Semiconductor KA378R12C Datasheet HTML 4Page - Fairchild Semiconductor KA378R12C Datasheet HTML 5Page - Fairchild Semiconductor KA378R12C Datasheet HTML 6Page - Fairchild Semiconductor KA378R12C Datasheet HTML 7Page - Fairchild Semiconductor KA378R12C Datasheet HTML 8Page - Fairchild Semiconductor KA378R12C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
KA378R12C
4
Typical Performance Characteristics (Continued)
Figure 7. Power Dissipation vs. Temperature(Ta)
Figure 9. Ripple Rejection vs. Input Ripple Frequency
Figure 11. Load Transient Response
Figure 8. Overcurrent Protection Characteristics
(Typical value)
Figure 10. Line Transient Response
Temperature Ta(
oC)
-25
75
125
025
50
100
15
10
5
20
0
Input Ripple Frequency (KHz)
50
40
30
20
10
0
0.1
100
1
10
60
70
Tj = 25 oC
VIN = 14V
IO= 1.5A
∆VIN=0.5Vrms
Time (
µs)
2.0
1.5
1.0
0.5
0
0
10
20
2.5
3.0
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
3.0
30
40
Output Current(A)
3.0
5.0
01.0
2.0
4.0
80
60
20
100
0
40
6.0
7.0
Time (
µs)
30
15
13
0
5
15
45
0
-15
-30
14
25
35
45


Similar Part No. - KA378R12C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA378R12C FAIRCHILD-KA378R12C Datasheet
43Kb / 8P
   Low Dropout Voltage Regulator
KA378R12C FAIRCHILD-KA378R12C Datasheet
57Kb / 8P
   Low Dropout Voltage Regulator Overcurrent Protection, Thermal Shutdown
KA378R12C FAIRCHILD-KA378R12C_05 Datasheet
57Kb / 8P
   Low Dropout Voltage Regulator Overcurrent Protection, Thermal Shutdown
More results

Similar Description - KA378R12C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com